Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6718L2TR1PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6718L2TR1PBF
Description  RoHS Compliant Containing No Lead and Bromide
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6718L2TR1PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF6718L2TR1PBF Datasheet HTML 1Page - International Rectifier IRF6718L2TR1PBF Datasheet HTML 2Page - International Rectifier IRF6718L2TR1PBF Datasheet HTML 3Page - International Rectifier IRF6718L2TR1PBF Datasheet HTML 4Page - International Rectifier IRF6718L2TR1PBF Datasheet HTML 5Page - International Rectifier IRF6718L2TR1PBF Datasheet HTML 6Page - International Rectifier IRF6718L2TR1PBF Datasheet HTML 7Page - International Rectifier IRF6718L2TR1PBF Datasheet HTML 8Page - International Rectifier IRF6718L2TR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF6718L2TR/TR1PbF
www.irf.com
5
Fig 13. Typical Threshold Voltage vs. Junction
Temperature
Fig 12. Maximum Drain Current vs. Case Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig 11. Maximum Safe Operating Area
Fig 15. Maximum Avalanche Energy vs. Drain Current
Fig 14. Typ. Forward Transconductance vs. Drain Current
-75 -50 -25 0 25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ID = 150μA
ID = 250μA
ID = 1.0mA
ID = 1.0A
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
VSD, Source-to-Drain Voltage (V)
0
1
10
100
1000
TJ = 175°C
TJ = 25°C
TJ = -40°C
VGS = 0V
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
400
800
1200
1600
2000
2400
ID
TOP
2.9A
4.6A
BOTTOM 49A
0
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
10000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
TC = 25°C
TJ = 175°C
Single Pulse
1msec
10msec
DC
100μsec
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
50
100
150
200
250
300
0
20406080
100
ID,Drain-to-Source Current (A)
0
100
200
300
400
TJ = 25°C
TJ = 175°C
VDS = 10V
2 380μs PULSE WIDTH


Similar Part No. - IRF6718L2TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6718L2TR1PBF IRF-IRF6718L2TR1PBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
More results

Similar Description - IRF6718L2TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF_15 Datasheet
281Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6633TR1 IRF-IRF6633TR1 Datasheet
263Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF8308MTR1PBF IRF-IRF8308MTR1PBF Datasheet
271Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF Datasheet
230Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com