Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA5386ZPCK1 Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGA5386ZPCK1
Description  DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA5386ZPCK1 Datasheet(HTML) 4 Page - RF Micro Devices

  SGA5386ZPCK1 Datasheet HTML 1Page - RF Micro Devices SGA5386ZPCK1 Datasheet HTML 2Page - RF Micro Devices SGA5386ZPCK1 Datasheet HTML 3Page - RF Micro Devices SGA5386ZPCK1 Datasheet HTML 4Page - RF Micro Devices SGA5386ZPCK1 Datasheet HTML 5Page - RF Micro Devices SGA5386ZPCK1 Datasheet HTML 6Page - RF Micro Devices SGA5386ZPCK1 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 of 7
DS100915
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA5386Z
-24
-21
-18
-15
-12
012345
Frequency (GHz)
+25°C
-40°C
+85°C
0
5
10
15
20
012
3
4
5
Frequency (GHz)
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
01
23
45
Frequency (GHz)
+25°C
-40°C
+85°C
T
L
T
L
T
L
-40
-30
-20
-10
0
012
345
Frequency (GHz)
+25°C
-40°C
+85°C
T
L
|S
12| vs. Frequency
V
D= 3.6 V, ID= 60 mA (Typ.)
|S
22| vs. Frequency
V
D= 3.6 V, ID= 60 mA (Typ.)
|S
11| vs. Frequency
V
D= 3.6 V, ID= 60 mA (Typ.)
|S
21| vs. Frequency
V
D= 3.6 V, ID= 60 mA (Typ.)


Similar Part No. - SGA5386ZPCK1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA5389Z RFMD-SGA5389Z Datasheet
626Kb / 7P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5389ZPCK1 RFMD-SGA5389ZPCK1 Datasheet
626Kb / 7P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5389ZSQ RFMD-SGA5389ZSQ Datasheet
626Kb / 7P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5389ZSR RFMD-SGA5389ZSR Datasheet
626Kb / 7P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA5386ZPCK1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2386Z RFMD-SGA2386Z Datasheet
291Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4186Z RFMD-SGA4186Z Datasheet
285Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SGA-2163 ETC-SGA-2163 Datasheet
393Kb / 5P
   DC-5000MHZ, CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
RF Micro Devices
SGA3286Z RFMD-SGA3286Z Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4286Z RFMD-SGA4286Z Datasheet
293Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2286Z RFMD-SGA2286Z Datasheet
285Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6386Z RFMD-SGA6386Z Datasheet
515Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2463Z RFMD-SGA2463Z Datasheet
456Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com