Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA4486ZPCK1 Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGA4486ZPCK1
Description  DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA4486ZPCK1 Datasheet(HTML) 6 Page - RF Micro Devices

  SGA4486ZPCK1 Datasheet HTML 1Page - RF Micro Devices SGA4486ZPCK1 Datasheet HTML 2Page - RF Micro Devices SGA4486ZPCK1 Datasheet HTML 3Page - RF Micro Devices SGA4486ZPCK1 Datasheet HTML 4Page - RF Micro Devices SGA4486ZPCK1 Datasheet HTML 5Page - RF Micro Devices SGA4486ZPCK1 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
DS100916
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA4486Z
Part Identification
Ordering Information
Ordering Code
Description
SGA4486Z
13" Reel with 3000 pieces
SGA4486ZSQ
Sample bag with 25 pieces
SGA4486ZSR
7” Reel with 100 pieces
SGA4486ZPCK1
850MHz, 8V Operation PCBA with 5-piece sample bag
44Z


Similar Part No. - SGA4486ZPCK1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA4463Z RFMD-SGA4463Z Datasheet
599Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4463ZPCK1 RFMD-SGA4463ZPCK1 Datasheet
599Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4463ZSQ RFMD-SGA4463ZSQ Datasheet
599Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4463ZSR RFMD-SGA4463ZSR Datasheet
599Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA4486ZPCK1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA6389Z RFMD-SGA6389Z Datasheet
467Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4386Z RFMD-SGA4386Z Datasheet
283Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6289Z RFMD-SGA6289Z Datasheet
468Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5389Z RFMD-SGA5389Z Datasheet
626Kb / 7P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6486Z RFMD-SGA6486Z Datasheet
292Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3263Z RFMD-SGA3263Z Datasheet
427Kb / 7P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3363Z RFMD-SGA3363Z Datasheet
357Kb / 6P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6489Z RFMD-SGA6489Z Datasheet
469Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com