Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA3586ZSR Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGA3586ZSR
Description  DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA3586ZSR Datasheet(HTML) 5 Page - RF Micro Devices

  SGA3586ZSR Datasheet HTML 1Page - RF Micro Devices SGA3586ZSR Datasheet HTML 2Page - RF Micro Devices SGA3586ZSR Datasheet HTML 3Page - RF Micro Devices SGA3586ZSR Datasheet HTML 4Page - RF Micro Devices SGA3586ZSR Datasheet HTML 5Page - RF Micro Devices SGA3586ZSR Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
DS130729
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA3586Z
Application Schematic
Evaluation Board Layout
RF in
RF out
1 uF
C
B
C
B
C
D
V
S
R
BIAS
L
C
1
2
3
4
1000
pF
SGA3586Z
R
LDC
Bias
Inductor
V
D
I
D
Recommended Bias Resistance for I
D = 35 mA
Supply Voltage (V
S )
(Volts)
<
5
56
7
8
9
1
0
Bias Resistance*
(Ohms)
N/R
50
79
107
136
164
193
* Bias Resistance = R
BIAS+ RLDC = ( VS-VD ) / ID
Select R
BIAS so that
R
BIAS + RLDC ~ the recommended bias resistance.
Use 1% or 5 % tolerance resisistors or parallel combinations to attain the
recommended bias resistance +/- 3%. R
BIAS provides current stability over
temperature.
* N/R=Not Recommended.
Contact Sirenza technical support for
guidance when available supply voltage is less than 5 Volts.
Application Circuit Element Values
Reference
Designator
Frequency (Mhz)
100
500
850
1950
2400
3500
C
B
1000 pF 220 pF 100 pF
68 pF
56 pF
39 pF
C
D
100 pF
100 pF
68 pF
22 pF
22 pF
15 pF
L
C
470 nH
68 nH
33 nH
22 nH
18 nH
15 nH
1 uF
R
BIAS
1000 pF
C
B
C
B
C
D
L
C
V
S


Similar Part No. - SGA3586ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA3563Z RFMD-SGA3563Z Datasheet
511Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3563ZPCK1 RFMD-SGA3563ZPCK1 Datasheet
511Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3563ZSQ RFMD-SGA3563ZSQ Datasheet
511Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3563ZSR RFMD-SGA3563ZSR Datasheet
511Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA3586ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2386Z RFMD-SGA2386Z Datasheet
291Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4186Z RFMD-SGA4186Z Datasheet
285Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SGA-2163 ETC-SGA-2163 Datasheet
393Kb / 5P
   DC-5000MHZ, CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
RF Micro Devices
SGA3286Z RFMD-SGA3286Z Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4286Z RFMD-SGA4286Z Datasheet
293Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5386Z RFMD-SGA5386Z Datasheet
286Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2286Z RFMD-SGA2286Z Datasheet
285Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6386Z RFMD-SGA6386Z Datasheet
515Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2463Z RFMD-SGA2463Z Datasheet
456Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com