Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA3263ZSR Datasheet(PDF) 3 Page - RF Micro Devices

Part # SGA3263ZSR
Description  DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA3263ZSR Datasheet(HTML) 3 Page - RF Micro Devices

  SGA3263ZSR Datasheet HTML 1Page - RF Micro Devices SGA3263ZSR Datasheet HTML 2Page - RF Micro Devices SGA3263ZSR Datasheet HTML 3Page - RF Micro Devices SGA3263ZSR Datasheet HTML 4Page - RF Micro Devices SGA3263ZSR Datasheet HTML 5Page - RF Micro Devices SGA3263ZSR Datasheet HTML 6Page - RF Micro Devices SGA3263ZSR Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 of 7
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA3263Z
OIP
3 vs. Frequency
V
D= 2.6 V, ID= 35 mA (Typ.)
P
1dB vs. Frequency
V
D= 2.6 V, ID= 35 mA (Typ.)
15
20
25
30
35
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
5
7
9
11
13
15
0
0.5
11.5
22.5
3
Frequency (GHz)
T
L=+25ºC
T
L=+25ºC
Noise Figure vs. Frequency
V
D= 2.6 V, ID= 35 mA (Typ.)
0
1
2
3
4
5
00.511.522.5
3
Frequency (GHz)
T
L=+25ºC


Similar Part No. - SGA3263ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA3286Z RFMD-SGA3286Z Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3286ZPCK1 RFMD-SGA3286ZPCK1 Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3286ZSQ RFMD-SGA3286ZSQ Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3286ZSR RFMD-SGA3286ZSR Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA3263ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA6286Z RFMD-SGA6286Z Datasheet
295Kb / 7P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3363Z RFMD-SGA3363Z Datasheet
357Kb / 6P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6389Z RFMD-SGA6389Z Datasheet
467Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6489Z RFMD-SGA6489Z Datasheet
469Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2386Z RFMD-SGA2386Z Datasheet
291Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4186Z RFMD-SGA4186Z Datasheet
285Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6586Z RFMD-SGA6586Z Datasheet
284Kb / 6P
   DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3286Z RFMD-SGA3286Z Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com