Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA3263ZSQ Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGA3263ZSQ
Description  DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA3263ZSQ Datasheet(HTML) 5 Page - RF Micro Devices

  SGA3263ZSQ Datasheet HTML 1Page - RF Micro Devices SGA3263ZSQ Datasheet HTML 2Page - RF Micro Devices SGA3263ZSQ Datasheet HTML 3Page - RF Micro Devices SGA3263ZSQ Datasheet HTML 4Page - RF Micro Devices SGA3263ZSQ Datasheet HTML 5Page - RF Micro Devices SGA3263ZSQ Datasheet HTML 6Page - RF Micro Devices SGA3263ZSQ Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5 of 7
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA3263Z
Suggested Pad Layout
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin
Function
Description
3RF IN
RF input pin. This pin requires the use of an external DC-blocking capacitor chosen for the frequency of operation.
1, 2,
4, 5
GND
Connection to ground. For optimum RF performance, use via holes as close to ground leads as possible to reduce lead
inductance.
6RF OUT/BIAS RF output and bias pin. DC voltage is present on this pin, therefor a DC-blocking capacitor is necessary for proper opera-
tion.
Preliminary
Dimensions in inches [millimeters]
RF
OUT
RF
I N
Notes:
1. Provide a large ground pad area under device
pins 1, 2, 4, & 5 with many plated via holes as
shown.
2. Dimensions given for 50 Ohm RF I/O lines are for
31 mil thick Getek. Scale accordingly for different
board thicknesses and dielectric contants.
3. We recommend 1 or 2 ounce copper. Measure-
ments for this data sheet were made on a 31 mil
thick Getek with 1 ounce copper on both sides.


Similar Part No. - SGA3263ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA3286Z RFMD-SGA3286Z Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3286ZPCK1 RFMD-SGA3286ZPCK1 Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3286ZSQ RFMD-SGA3286ZSQ Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3286ZSR RFMD-SGA3286ZSR Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA3263ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA6286Z RFMD-SGA6286Z Datasheet
295Kb / 7P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3363Z RFMD-SGA3363Z Datasheet
357Kb / 6P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6389Z RFMD-SGA6389Z Datasheet
467Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6489Z RFMD-SGA6489Z Datasheet
469Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2386Z RFMD-SGA2386Z Datasheet
291Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4186Z RFMD-SGA4186Z Datasheet
285Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6586Z RFMD-SGA6586Z Datasheet
284Kb / 6P
   DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3286Z RFMD-SGA3286Z Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com