Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1704KC1-C8 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJG1704KC1-C8
Description  800MHz BAND FRONT-END GaAs MMIC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1704KC1-C8 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJG1704KC1-C8 Datasheet HTML 5Page - New Japan Radio NJG1704KC1-C8 Datasheet HTML 6Page - New Japan Radio NJG1704KC1-C8 Datasheet HTML 7Page - New Japan Radio NJG1704KC1-C8 Datasheet HTML 8Page - New Japan Radio NJG1704KC1-C8 Datasheet HTML 9Page - New Japan Radio NJG1704KC1-C8 Datasheet HTML 10Page - New Japan Radio NJG1704KC1-C8 Datasheet HTML 11Page - New Japan Radio NJG1704KC1-C8 Datasheet HTML 12Page - New Japan Radio NJG1704KC1-C8 Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NJG1704KC1
- 9 -
nTYPICAL CHARACTERISTICS (MIXER, f
LO=690MHz,with test circuit)
0
5
10
15
-40
-30
-20
-10
0
10
-40
oC
-20
oC
0
oC
+20
oC
+40
oC
+60
oC
+90
oC
Local Power (dBm)
Conversion Gain vs. Local Power
Temperature Response
Condition
f
IF=130MHz
f
RF=820MHz, PRF=-30dBm
f
LO=690MHz
V
MIX=VLO=2.7V
Condition
f
IF=130MHz
f
RF=820MHz
f
LO=690MHz
V
MIX=VLO=2.7V
Condition
f
IF=130MHz
f
RF1=820.0MHz, PRF=-30dBm
f
RF2=820.1MHz
f
LO=690MHz
V
MIX=VLO=2.7V
IIP3
=
3
x IF-IM3
2
-Gc
@ P
RF =-30dBm
0
5
10
15
-40
-30
-20
-10
0
10
-40
oC
-20
oC
0
oC
+20
oC
+40
oC
+60
oC
+90
oC
Local Power (dBm)
Noise Figure vs. Local Power
Temperature Response
-10
-8
-6
-4
-2
0
2
-40
-30
-20
-10
0
10
-40
o
C
-20
oC
0
oC
+20
o
C
+40
oC
+60
o
C
+90
o
C
Local Power (dBm)
IIP3 vs. Local Power
Temperature Response


Similar Part No. - NJG1704KC1-C8

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1704 NJRC-NJG1704 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704V-C1 NJRC-NJG1704V-C1 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704V-C10 NJRC-NJG1704V-C10 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704V-C11 NJRC-NJG1704V-C11 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1704KC1-C8

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
   800MHz TDMA FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
   800MHz BAND MIXER GaAs MMIC
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1551F NJRC-NJG1551F Datasheet
312Kb / 13P
   800mhZ band mixer gAaS mmic
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
NJG1555KB2 NJRC-NJG1555KB2 Datasheet
183Kb / 11P
   800mhZ band mixer gAaS mmic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com