Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA-3000 Datasheet(PDF) 7 Page - RF Micro Devices

Part # SDA-3000
Description  GaAs Distributed Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SDA-3000 Datasheet(HTML) 7 Page - RF Micro Devices

  SDA-3000 Datasheet HTML 1Page - RF Micro Devices SDA-3000 Datasheet HTML 2Page - RF Micro Devices SDA-3000 Datasheet HTML 3Page - RF Micro Devices SDA-3000 Datasheet HTML 4Page - RF Micro Devices SDA-3000 Datasheet HTML 5Page - RF Micro Devices SDA-3000 Datasheet HTML 6Page - RF Micro Devices SDA-3000 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
7 of 7
SDA-3000
Assembly Diagram
Measurement Technique
All specifications and typical performances reported in this document were measured in the following manner. Data was taken
using a temperature controlled probe station utilizing 150μm pitch GSG probes. The interface between the probes and integrated
circuit was made with a coplanar to microstrip ceramic test interface. The test interface was then wire bonded to the die as shown
in the figure below using 1 mil diameter bondwires. The spacing between the test interface and the die was 200μm, and the bond
wire loop height was 100μm. The thickness of the test interface is 125μm (5mil). The calibration of the test fixture included the
probes and test interfaces, so that the measurement reference plane was at the point of bond wire attachment. Therefore, all data
represents the integrated circuit and accompanying bond wires.


Similar Part No. - SDA-3000

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SDA-1000 RFMD-SDA-1000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-2000 RFMD-SDA-2000 Datasheet
1Mb / 8P
   GaAs Distributed Amplifier
SDA-4000 RFMD-SDA-4000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-4000SB RFMD-SDA-4000SB Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
logo
JDS Uniphase Corporatio...
SDA-4040D JDSU-SDA-4040D Datasheet
754Kb / 8P
   Stealth Digital Analyzer
More results

Similar Description - SDA-3000

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SDA-5000 RFMD-SDA-5000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-7000 RFMD-SDA-7000 Datasheet
1Mb / 9P
   GaAs Distributed Amplifier
SDA-1000 RFMD-SDA-1000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-2000 RFMD-SDA-2000 Datasheet
1Mb / 8P
   GaAs Distributed Amplifier
SDA-4000 RFMD-SDA-4000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
SDA-6000 RFMD-SDA-6000 Datasheet
1Mb / 8P
   GaAs Distributed Amplifier
logo
Mimix Broadband
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
   0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
   18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
   0.05-50.0 GHz GaAs MMIC Distributed Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com