Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1704V-C5 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJG1704V-C5
Description  800MHz BAND FRONT-END GaAs MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1704V-C5 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJG1704V-C5 Datasheet HTML 3Page - New Japan Radio NJG1704V-C5 Datasheet HTML 4Page - New Japan Radio NJG1704V-C5 Datasheet HTML 5Page - New Japan Radio NJG1704V-C5 Datasheet HTML 6Page - New Japan Radio NJG1704V-C5 Datasheet HTML 7Page - New Japan Radio NJG1704V-C5 Datasheet HTML 8Page - New Japan Radio NJG1704V-C5 Datasheet HTML 9Page - New Japan Radio NJG1704V-C5 Datasheet HTML 10Page - New Japan Radio NJG1704V-C5 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NJG1704V
- 7 -
nTYPICAL CHARACTERISTICS (LNA+MIXER, f
LO=690MHz)
Condition
fIF=130MHz
fRF=820MHz, PRF=-46dBm
fLO=690MHz, PLO=-10dBm
Condition
fIF=130MHz
fRF1=820.0MHz, PRF=-42dBm
fRF2=820.1MHz
fLO=690MHz, PLO=-10dBm
OIP3=
3IF-IM3
2
IIP3=
3IF-IM3
2
-Gc
@PRF=-42dBm
Condition
fIF=130MHz
fRF1=820.0MHz
fRF2=820.1MHz
fLO=690MHz,PLO=-10dBm
VLNA=VMIX=VLO=2.7V
Condition
fIF=130MHz
fRF=820MHz
fLO=690MHz,PLO=-10dBm
VLNA=VMIX=VLO=2.7V
23
24
25
26
27
28
29
0.5
1
1.5
2
2.5
3
3.5
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Conversion Gain , Noise Figure
vs. V
LNA
, V
MIX
, V
LO
V
LNA
, V
MIX
, V
LO
(V)
Gc
NF
9
10
11
12
13
14
15
-22
-20
-18
-16
-14
-12
-10
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Output-IP3 , Input-IP3
vs. V
LNA
, V
MIX
, V
LO
V
LNA
, V
MIX
, V
LO
(V)
OIP3
IIP3
-80
-60
-40
-20
0
20
-50
-40
-30
-20
-10
0
IF , IM3 vs. RF Power
RF Power (dBm)
IF
IM3
-25
-20
-15
-10
-5
0
5
10
-50
-40
-30
-20
-10
0
IF vs. RF Power
RF Power (dBm)


Similar Part No. - NJG1704V-C5

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C3 NJRC-NJG1704KC1-C3 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C4 NJRC-NJG1704KC1-C4 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1704V-C5

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
   800MHz TDMA FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
   800MHz BAND MIXER GaAs MMIC
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1551F NJRC-NJG1551F Datasheet
312Kb / 13P
   800mhZ band mixer gAaS mmic
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
NJG1555KB2 NJRC-NJG1555KB2 Datasheet
183Kb / 11P
   800mhZ band mixer gAaS mmic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com