Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFG1M20180 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFG1M20180
Description  180W GaN Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFG1M20180 Datasheet(HTML) 1 Page - RF Micro Devices

  RFG1M20180 Datasheet HTML 1Page - RF Micro Devices RFG1M20180 Datasheet HTML 2Page - RF Micro Devices RFG1M20180 Datasheet HTML 3Page - RF Micro Devices RFG1M20180 Datasheet HTML 4Page - RF Micro Devices RFG1M20180 Datasheet HTML 5Page - RF Micro Devices RFG1M20180 Datasheet HTML 6Page - RF Micro Devices RFG1M20180 Datasheet HTML 7Page - RF Micro Devices RFG1M20180 Datasheet HTML 8Page - RF Micro Devices RFG1M20180 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130822
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 11
RFG1M20180
180W GaN Power Amplifier
1.8GHz to 2.2GHz
The RFG1M20180 is optimized for commercial infrastructure
applications in the 1.8GHz to 2.2GHz frequency band, ideal for
WCDMA and LTE applications. Using an advanced 48V high power
density gallium nitride (GaN) semiconductor process optimized for high
peak to average ratio applications, these high-performance amplifiers
achieve high efficiency and flat gain over a broad frequency range in a
single amplifier design. The RFG1M20180 is an input matched GaN
transistor packaged in an air cavity ceramic package, which provides
excellent thermal stability. Ease of integration is accomplished through
the incorporation of simple, optimized matching networks external to
the package that provide wideband gain, efficiency, and linearizable
performance in a single amplifier.
Functional Block Diagram
Ordering Information
RFG1M20180S2
Sample bag with 2 pieces
RFG1M20180SB
Bag with 5 pieces
RFG1M20180SQ
Bag with 25 pieces
RFG1M20180SR
Short Reel with 50 pieces
RFG1M20180TR13
13” Reel with 300 pieces
RFG1M20180PCBA-410 Evaluation Board
Package: Flanged Ceramic, 2-Pin,
RF400-2
Features
Advanced GaN HEMT Technology
Typical Peak Modulated Power
>180W
Advanced Heat-Sink Technology
Single Circuit for 1.8GHz to
2.2GHz
48V Operation Typical
Performance
POUT = 45.5dBm
Gain = 15dB
Drain Efficiency = 31%
ACP = -38dBc
Linearizable to -55dBc with
DPD
-25°C to 85°C Operating
Temperature
Optimized for Video Bandwidth
and Minimized Memory Effects
RF Tested for 3GPP Performance
RF Tested for Peak Power Using
IS95
Large Signal Models Available
Applications
Commercial Wireless Infrastructure
High Efficiency Doherty
High Efficiency Envelope Tracking
RFG1M20180
RF IN
VGQ
Pin 1 (CUT)
RF OUT
VDQ
Pin 2
GND
BASE


Similar Part No. - RFG1M20180

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFG1M20090 RFMD-RFG1M20090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
More results

Similar Description - RFG1M20180

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFG1M09180 RFMD-RFG1M09180 Datasheet
1Mb / 11P
   180W GaN Power Amplifier
logo
Analog Devices
HMC1099PM5E AD-HMC1099PM5E Datasheet
325Kb / 18P
   GaN Power Amplifier
HMC8415LP6GE AD-HMC8415LP6GE Datasheet
513Kb / 23P
   GaN Power Amplifier
HMC8205BF10 AD-HMC8205BF10 Datasheet
273Kb / 14P
   GaN Power Amplifier
HMC8500PM5E AD-HMC8500PM5E Datasheet
308Kb / 17P
   GaN Power Amplifier
HMC1114PM5E AD-HMC1114PM5E Datasheet
668Kb / 17P
   GaN Power Amplifier
logo
RFHIC
HT0808-30A RFHIC-HT0808-30A Datasheet
272Kb / 8P
   GaN Hybrid Power Amplifier
HS7785-20A RFHIC-HS7785-20A Datasheet
822Kb / 6P
   GaN Hybrid Power Amplifier
HM2060-10A RFHIC-HM2060-10A Datasheet
256Kb / 7P
   GaN Hybrid Power Amplifier
HM0005-10A RFHIC-HM0005-10A Datasheet
211Kb / 7P
   GaN Hybrid Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com