Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF8889A Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF8889A
Description  SP10T ANTENNA SWITCH MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF8889A Datasheet(HTML) 1 Page - RF Micro Devices

  RF8889A Datasheet HTML 1Page - RF Micro Devices RF8889A Datasheet HTML 2Page - RF Micro Devices RF8889A Datasheet HTML 3Page - RF Micro Devices RF8889A Datasheet HTML 4Page - RF Micro Devices RF8889A Datasheet HTML 5Page - RF Micro Devices RF8889A Datasheet HTML 6Page - RF Micro Devices RF8889A Datasheet HTML 7Page - RF Micro Devices RF8889A Datasheet HTML 8Page - RF Micro Devices RF8889A Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1 of 26
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
TRX3
TRX5
RF8889A
TRX4
GSM 1800/1900
GSM 850/900
Charge
Pump/
Decoder
GSM Rx3
GSM Rx2
GSM Rx1
TRX2
V1 V2 V3 V4 VDD
TRX1
RF8889A
SP10T ANTENNA SWITCH MODULE
The RF8889A Antenna Switch Module offers very low insertion loss along with
excellent linearity performance. The RF8889A is ideal for multi-mode GSM, EDGE,
CDMA, WCDMA, LTE and TD-SCDMA applications. This module integrates low pass
filtering on the GSM transmit paths thus avoiding the need for external harmonic
attenuation. The RF8889A is compatible with +1.8V control logic and is packaged
in a compact 3.0mmx3.8mm, 26-pin, QFN package. RF8889A does not require
external DC blocking capacitors enabling solution size reduction.
Features
Broadband Performance
Suitable for all Cellular
Modulation Schemes up to
2.7GHz
Excellent Insertion Loss and
Isolation Performance
High Isolation Between GSM Rx
Paths>32dB Typ.
Five Linear Paths Offer Band
Combination and Air Interface
Flexibility
Integrated Low Pass Filters on
2G Paths for Best In Class
Harmonic Attenuation
Very High Linearity - B13-2Fo,
IIP2, IIP3, TBR
GPIO Interface and Fully Spec
Compliant At 1.3V Control (Min)
Very Low Current Consumption
Small Solution Size - No DC
Blocking Capacitors Required
Compact
3.0mmx3.8mmx0.85mm (Typ)
QFN Module
Applications
Cellular Handset Applications
Cellular Modems and USB
Devices
Multi-Mode GSM, EDGE, CDMA,
WCDMA, LTE, and TD-SCDMA
Applications
DS111017
Package: QFN, 3.0mmx3.8mmx0.85mm
RF8889A
SP10T
ANTENNA
SWITCH MOD-
ULE
RF8889A
SP10T ANTENNA SWITCH MODULE


Similar Part No. - RF8889A

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RF8 NICHICON-RF8 Datasheet
687Kb / 2P
   Low ESR / ESL, Low Profile
logo
Adam Technologies, Inc.
RF8-500-2 ADAM-TECH-RF8-500-2 Datasheet
68Kb / 1P
   TNC JACK PANEL 2 HOLES FOR PCB
RF8-500-3 ADAM-TECH-RF8-500-3 Datasheet
68Kb / 1P
   TNC JACK PANEL 2 HOLES FOR PCB
logo
rfsolutions.ltd
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
   Radio Encoder / Decoder IC?셲
RF800-SO RFSOLUTIONS-RF800-SO Datasheet
347Kb / 9P
   Radio Encoder / Decoder IC?셲
More results

Similar Description - RF8889A

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF1193A RFMD-RF1193A Datasheet
1Mb / 23P
   SP10T ANTENNA SWITCH MODULE
logo
New Japan Radio
NJG1686MHH NJRC-NJG1686MHH Datasheet
310Kb / 13P
   SP10T ANTENNA SWITCH GaAs MMIC
NJG1670LG3 NJRC-NJG1670LG3 Datasheet
206Kb / 11P
   SP10T ANTENNA SWITCH GaAs MMIC
logo
Skyworks Solutions Inc.
SKY13498-31 SKYWORKS-SKY13498-31 Datasheet
787Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
SKY13498-21 SKYWORKS-SKY13498-21 Datasheet
786Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
logo
Sony Corporation
CXM3520BER SONY-CXM3520BER Datasheet
272Kb / 15P
   SP10T Antenna Switch Module for GSM and UMTS/CDMA Multi Mode Handset
logo
Infineon Technologies A...
BGS110MN20 INFINEON-BGS110MN20 Datasheet
1Mb / 18P
   SP10T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.1 - June 23, 2016
logo
Will Semiconductor Ltd.
WS7810QM WILLSEMI-WS7810QM Datasheet
1Mb / 12P
   0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
logo
Sony Corporation
CXM3560XR SONY-CXM3560XR Datasheet
239Kb / 12P
   SP10T Antenna Switch for GSM/UMTS Dual Mode Handsets
logo
Mini-Circuits
SPI-SP10T-63 MINI-SPI-SP10T-63 Datasheet
944Kb / 11P
   SPI RF SP10T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com