Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1603A Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF1603A
Description  BROADBAND HIGH POWER SP3T SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1603A Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF1603A Datasheet HTML 2Page - RF Micro Devices RF1603A Datasheet HTML 3Page - RF Micro Devices RF1603A Datasheet HTML 4Page - RF Micro Devices RF1603A Datasheet HTML 5Page - RF Micro Devices RF1603A Datasheet HTML 6Page - RF Micro Devices RF1603A Datasheet HTML 7Page - RF Micro Devices RF1603A Datasheet HTML 8Page - RF Micro Devices RF1603A Datasheet HTML 9Page - RF Micro Devices RF1603A Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
RF1603A
DS110725
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD's qualification process is electroless nickel, immersion gold. Typical thickness is 3
inch
to 8
inch gold over 180inch nickel.
PCB Land Pattern Recommendation
PCB land patterns for RFMD components are based on IPC-7351 standards and RFMD empirical data. The pad pattern shown
has been developed and tested for optimized assembly at RFMD. The PCB land pattern has been developed to accommodate
lead and package tolerances. Since surface mount processes vary from company to company, careful process development is
recommended.
PCB Metal Land Pattern


Similar Part No. - RF1603A

ManufacturerPart #DatasheetDescription
logo
Rohm
RF1601NS2D ROHM-RF1601NS2D Datasheet
669Kb / 8P
   Super Fast Recovery Diode
RF1601NS2DFH ROHM-RF1601NS2DFH Datasheet
951Kb / 7P
   Super Fast Recovery Diode
RF1601T2D ROHM-RF1601T2D Datasheet
47Kb / 3P
   Fast recovery Diodes (Silicon Epitaxial Planar)
RF1601T2D ROHM-RF1601T2D Datasheet
138Kb / 4P
   Fast recovery diodes
RF1601T2D ROHM-RF1601T2D Datasheet
302Kb / 4P
   Fast recovery diodes
More results

Similar Description - RF1603A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
   GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482_15 Datasheet
771Kb / 8P
   GaAs Broadband High Power SP3T Switch
MASW-009359 MA-COM-MASW-009359_15 Datasheet
693Kb / 6P
   GaAs Broadband High Power SP3T Switch
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
   GaAs Broadband High Power SP3T Switch
logo
RF Micro Devices
RF1136 RFMD-RF1136 Datasheet
593Kb / 9P
   BROADBAND LOW POWER SP3T SWITCH
logo
M/A-COM Technology Solu...
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
logo
Infineon Technologies A...
BGS13PN10 INFINEON-BGS13PN10 Datasheet
2Mb / 15P
   SP3T high linearity, high power RF Switch
Revision 1.0 - 2016-09-27
logo
TriQuint Semiconductor
TQP4M3018 TRIQUINT-TQP4M3018 Datasheet
459Kb / 9P
   SP3T High Power 2.6V CDMA Antenna Switch
logo
Sony Corporation
CXG1174UR SONY-CXG1174UR Datasheet
50Kb / 6P
   High Power SP3T Switch with Logic Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com