Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBB2082S Datasheet(PDF) 1 Page - RF Micro Devices

Part # SBB2082S
Description  InGaP HBT Amplifier 50MHz to 850MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBB2082S Datasheet(HTML) 1 Page - RF Micro Devices

  SBB2082S Datasheet HTML 1Page - RF Micro Devices SBB2082S Datasheet HTML 2Page - RF Micro Devices SBB2082S Datasheet HTML 3Page - RF Micro Devices SBB2082S Datasheet HTML 4Page - RF Micro Devices SBB2082S Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131119
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 5
SBB-2082S
InGaP HBT Amplifier
50MHz to 850MHz
RFMD’s SBB-2082S is a high performance InGaP HBT
utilizing a Darlington configuration with an active bias network.
The active bias network provides stable current over
temperature and process Beta variations. Designed to run
directly from a 5V supply, the SBB-2082S does not require a
dropping resistor as compared to typical Darlington amplifiers.
The SBB-2082S product is designed for high linearlty 5V gain
block applications that require small size and minimal external
components. It is internally matched to 50
Ω. RFMD can
provide various levels of device screening for military or Hi-
Reliability applications.
Ordering Information
SBB-2082S
Two lead hermetic package
Package: Hermetic, 2-pin,
5.8mm x 2.8mm
Features
Hermetic Package for Hi-Reliability
Applications
Single Fixed 5V Supply
Patented Thermal Design and Bias
Circuit
OIP3 = 40.5dBm at 70MHz
P1dB = 19.5dBm at 70MHz
Applications
Military Communications
Aerospace and Defense
PA Driver Amp
SBB-2082S


Similar Part No. - SBB2082S

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
   50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089ZPCK1 RFMD-SBB2089ZPCK1 Datasheet
456Kb / 7P
   50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089ZSQ RFMD-SBB2089ZSQ Datasheet
456Kb / 7P
   50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089ZSR RFMD-SBB2089ZSR Datasheet
456Kb / 7P
   50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results

Similar Description - SBB2082S

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
   50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA2054 RFMD-RFGA2054 Datasheet
566Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
logo
Qorvo, Inc
RFGA2044 QORVO-RFGA2044 Datasheet
1Mb / 11P
   50MHz-3000MHz, InGap HBT MMIC Amplifier
logo
RF Micro Devices
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com