Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF175GU Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF175GU
Description  N-CHANNEL MOS BROADBAND RF POWER FETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF175GU Datasheet(HTML) 3 Page - Tyco Electronics

  MRF175GU Datasheet HTML 1Page - Tyco Electronics MRF175GU Datasheet HTML 2Page - Tyco Electronics MRF175GU Datasheet HTML 3Page - Tyco Electronics MRF175GU Datasheet HTML 4Page - Tyco Electronics MRF175GU Datasheet HTML 5Page - Tyco Electronics MRF175GU Datasheet HTML 6Page - Tyco Electronics MRF175GU Datasheet HTML 7Page - Tyco Electronics MRF175GU Datasheet HTML 8Page - Tyco Electronics MRF175GU Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
FUNCTIONAL CHARACTERISTICS — MRF175GU (1) (Figure 2)
Common Source Power Gain
(VDD = 28 Vdc, Pout = 150 W, f = 400 MHz, IDQ = 2.0 x 100 mA)
Gps
10
12
dB
Drain Efficiency
(VDD = 28 Vdc, Pout = 150 W, f = 400 MHz, IDQ = 2.0 x 100 mA)
η
50
55
%
Electrical Ruggedness
(VDD = 28 Vdc, Pout = 150 W, f = 400 MHz, IDQ = 2.0 x 100 mA,
VSWR 10:1 at all Phase Angles)
ψ
No Degradation in Output Power
NOTE:
1. Measured in push–pull configuration.
Figure 2. 400 MHz Test Circuit
B1 — Balun 50
Ω Semi Rigid Coax 0.086″ O.D. 2″ Long
B2 — Balun 50
Ω Semi Rigid Coax 0.141″ O.D. 2″ Long
C1, C2, C8, C9 — 270 pF ATC Chip Cap
C3, C5, C7 — 1.0–20 pF Trimmer Cap
C4 — 15 pF ATC Chip Cap
C6 — 33 pF ATC Chip Cap
C10, C12, C13, C16, C17 — 0.01
µF Ceramic Cap
C11 — 1.0
µF 50 V Tantalum
C14, C15 — 680 pF Feedthru Cap
C18 — 20
µF 50 V Tantalum
L1, L2 — Hairpin Inductor #18 Wire
L3, L4 — 12 Turns #18 Enameled Wire 0.340
″ I.D.
L5 — Ferroxcube VK200 20/4B
L6 — 3 Turns #16 Enameled Wire 0.340
″ I.D.
R1 — 1.0 k
Ω 1/4 W Resistor
R2, R3 — 10 k
Ω 1/4 W Resistor
Z1, Z2 — Microstrip Line 0.400
″ x 0.250″
Z3, Z4 — Microstrip Line 0.870
″ x 0.250″
Z5, Z6 — Microstrip Line 0.500
″ x 0.250″
Board material — 0.060
″ Teflon–fiberglass,
εr = 2.55, copper clad both sides, 2 oz. copper.
BIAS
C10
C11
R1
C12
C13
C14
C15
L5
L6
C18
28 V
B1
C3
C4
C5
C6
C7
B2
C2
L2
R3
L4
C16
C17
B
A
Z2
Z1
Z3
Z5
Z4
Z6
0.180″
0.200″
A
B
D.U.T.
R2
L3
C9
C1
L1
C8
3
REV 8


Similar Part No. - MRF175GU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF175GU MOTOROLA-MRF175GU Datasheet
183Kb / 8P
   N-CHANNEL MOS BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
   The RF MOSFET Line 200/150W, 500MHz, 28V
logo
Advanced Semiconductor
MRF175GU ASI-MRF175GU Datasheet
38Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
M/A-COM Technology Solu...
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
   The RF MOSFET Line 200/150W, 500MHz, 28V
logo
New Jersey Semi-Conduct...
MRF175GU NJSEMI-MRF175GU Datasheet
110Kb / 2P
   RF Power Field-Effect Transistors
More results

Similar Description - MRF175GU

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF175GU1111 MACOM-MRF175GU1111 Datasheet
209Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Motorola, Inc
MRF136 MOTOROLA-MRF136 Datasheet
284Kb / 12P
   N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175GU MOTOROLA-MRF175GU Datasheet
183Kb / 8P
   N-CHANNEL MOS BROADBAND RF POWER FETs
MRF176GU MOTOROLA-MRF176GU Datasheet
177Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF175LU MACOM-MRF175LU Datasheet
144Kb / 8P
   N-CHANNEL BROADBAND RF POWER FETs
logo
Motorola, Inc
MRF175LU MOTOROLA-MRF175LU Datasheet
138Kb / 8P
   N-CHANNEL BROADBAND RF POWER FETs
MRF174 MOTOROLA-MRF174 Datasheet
168Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FET
MRF137 MOTOROLA-MRF137 Datasheet
196Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF136 MACOM-MRF136 Datasheet
340Kb / 11P
   N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MACOM-MRF174 Datasheet
177Kb / 9P
   N-CHANNEL MOS BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com