Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1236 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF1236
Description  BROADBAND MEDIUM POWER DIFFERENTIAL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1236 Datasheet(HTML) 9 Page - RF Micro Devices

  RF1236 Datasheet HTML 1Page - RF Micro Devices RF1236 Datasheet HTML 2Page - RF Micro Devices RF1236 Datasheet HTML 3Page - RF Micro Devices RF1236 Datasheet HTML 4Page - RF Micro Devices RF1236 Datasheet HTML 5Page - RF Micro Devices RF1236 Datasheet HTML 6Page - RF Micro Devices RF1236 Datasheet HTML 7Page - RF Micro Devices RF1236 Datasheet HTML 8Page - RF Micro Devices RF1236 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RF1236
DS110418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
11
12
13
14
15
16
17
18
19
20
21
22
Harmonic
Level (dBc)
Input Power (dBm)
Harmonics
(Temp=25°C,F0=1880MHz,VRF=1.8V)
2Fo
3Fo
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
11
12
13
14
15
16
17
18
19
20
21
22
Harmonic
Level (dBc)
Input Power (dBm)
Harmonics
(Temp=25°C,F0=1880MHz,VRF=2.35V)
2Fo
3Fo
8
10
12
14
16
18
20
22
10
11
12
13
14
15
16
17
18
19
20
21
22
Output
Power
POUT
(dBm)
Input Power PIN (dBm)
Output Power versus Input Power
(Temperature=25°C,Frequency=880MHz,VRF=1.8V)
8
10
12
14
16
18
20
22
10
11
12
13
14
15
16
17
18
19
20
21
22
Output
Power
POUT
(dBm)
Input Power PIN (dBm)
Output Power versus Input Power
(Temperature=25°C,Frequency=880MHz,VRF=2.35V)
8
10
12
14
16
18
20
22
10
11
12
13
14
15
16
17
18
19
20
21
22
Output
Power
POUT
(dBm)
Input Power PIN (dBm)
Output Power versus Input Power
(Temperature=25°C,Frequency=1880MHz,VRF=1.8V)
8
10
12
14
16
18
20
22
10
11
12
13
14
15
16
17
18
19
20
21
22
Output
Power
POUT
(dBm)
Input Power Pin (dBm)
Output Power versus Input Power
(Temperature=25°C,Frequency=1880MHz,VRF=2.35V)


Similar Part No. - RF1236

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1238 RFM-RF1238 Datasheet
241Kb / 2P
   318.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1238 MURATA-RF1238 Datasheet
210Kb / 2P
   318.0 MHz SAW Filter
logo
RF Monolithics, Inc
RF1238B RFM-RF1238B Datasheet
171Kb / 2P
   318.0 MHz SAW Filter
More results

Similar Description - RF1236

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF1128 RFMD-RF1128 Datasheet
383Kb / 6P
   BROADBAND MEDIUM POWER
RF3024 RFMD-RF3024 Datasheet
353Kb / 5P
   BROADBAND MEDIUM POWER SPDT SWITCH
RF1126 RFMD-RF1126 Datasheet
410Kb / 7P
   BROADBAND MEDIUM POWER SPDT SWITCH
RF3023 RFMD-RF3023 Datasheet
994Kb / 5P
   BROADBAND MEDIUM POWER SPDT SWITCH
logo
American Accurate Compo...
LA1020N3220 AAC-LA1020N3220 Datasheet
85Kb / 1P
   Broadband Low Noise Medium Power Amplifiers
logo
Intersil Corporation
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
   Medium Power Differential Line Driver
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
   Medium Power Differential Line Driver
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com