Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF174 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. MRF174
Description  N-CHANNEL MOS BROADBAND RF POWER FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF174 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF174 Datasheet HTML 1Page - Tyco Electronics MRF174 Datasheet HTML 2Page - Tyco Electronics MRF174 Datasheet HTML 3Page - Tyco Electronics MRF174 Datasheet HTML 4Page - Tyco Electronics MRF174 Datasheet HTML 5Page - Tyco Electronics MRF174 Datasheet HTML 6Page - Tyco Electronics MRF174 Datasheet HTML 7Page - Tyco Electronics MRF174 Datasheet HTML 8Page - Tyco Electronics MRF174 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VDD, SUPPLY VOLTAGE (VOLTS)
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Input Power
Figure 4. Output Power versus Supply Voltage
Figure 5. Output Power versus Supply Voltage
Figure 6. Output Power versus Supply Voltage
Figure 7. Power Gain versus Frequency
140
0
Pin, INPUT POWER (WATTS)
2
120
100
80
60
40
20
0
4
6
8
10
12
14
0
Pin, INPUT POWER (WATTS)
2
80
60
40
20
0
46
8
10
12
14
16
70
50
30
10
140
120
100
80
60
40
20
0
160
12
28
14
16
18
20
22
24
26
VDD, SUPPLY VOLTAGE (VOLTS)
140
120
100
80
60
40
20
0
160
12
28
14
16
18
20
22
24
26
VDD, SUPPLY VOLTAGE (VOLTS)
140
120
100
80
60
40
20
0
160
12
28
14
16
18
20
22
24
26
22
20
f, FREQUENCY (MHz)
20
40
60
80
100
120
140
160
180
200
220
18
16
14
12
10
8
6
4
2
f = 100 MHz
VDD = 28 V
IDQ = 100 mA
150 MHz
200 MHz
150 MHz
200 MHz
VDD = 13.5 V
IDQ = 100 mA
IDQ = 100 mA
f = 100 MHz
Pin = 6 W
4 W
2 W
Pin = 12 W
8 W
4 W
Pin = 16 W
12 W
8 W
Pout = 125 W
VDD = 28 V
IDQ = 100 mA
f = 100 MHz
IDQ = 100 mA
f = 150 MHz
IDQ = 100 mA
f = 200 MHz
3
REV 7


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn