Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1707PG1-C11 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1707PG1-C11
Description  800MHz TDMA FRONT-END GaAs MMIC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1707PG1-C11 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1707PG1-C11 Datasheet HTML 1Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 2Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 3Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 4Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 5Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 6Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 7Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 8Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
NJG1707PG1
- 1 -
10
11
12
13
21
28
29
30
31
32
1
2
3
4
5
6
7
8
14
15
16
17
18
19
20
22
23
24
25
26
27
VDD
EX T2
GND
EX T1
GND
TX
GND
TER1
GND(LN A)
LNAIN
LNAOUT
E XTCAP
GND
A NT-SW
DECO RDER
ANT-SW CONTROL VO LTAGE
SW 5
SW 1
SW 3 SW 7
SW 4-2
SW 4-1
SW 6
SW 8
SW 9
SW 2
GND
GND(LN A)
9
GND
800MHz TDMA FRONT-END GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1707PG1 is a front-end IC for a digital cellular phone of
800MHz band. A 2x6 antenna switches and a low noise
amplifier are included.
The parallel control signals of three bits logic connect T/R
circuits to internal two antennas or external two antennas. The
termination ports with external matching circuits make low
interference between diversity antennas.
The ultra small & thin FFP32-G1 package is adopted.
nFEATURES
•Ultra small & thin package
FFP32-G1 (Mount Size: 4.5x4.5x0.85mm)
•Antenna Switch
lLow voltage operation
-2.5V (Tx only) and +3.5V
lLow current consumption
10uA typ. (Tx Mode, Pin=30dBm), 2uA typ. (Rx Mode, Pin=10dBm)
lLow insertion loss
0.5dB typ. @(Tx-ANT1, Tx-EXT1) fin=960MHz, Pin=30dBm
lLow Adjacent Channel
-63dBc typ. @ VDD=+3.5V, VSS=-2.5V, fin=960MHz, Pin=30dBm
Leakage Power
•Low Noise Amplifier
lLow voltage operation
+2.7V typ.
lLow current consumption
+2.7mA typ.
lSmall signal gain
17.5dB typ. @f=820MHz
lLow noise figure
1.4dB typ. @ f=820MHz
lHigh input IP3
IIP3=-4.5dBm typ. OIP3=+13dBm typ. @f=820MHz+820.1MHz
nPIN CONFIGURATION
FFP32 Type
(Top View)
NJG1707PG1


Similar Part No. - NJG1707PG1-C11

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
   PHS MULTI-FUNCTION GaAs MMIC
NJG1704 NJRC-NJG1704 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1707PG1-C11

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1520PE1 NJRC-NJG1520PE1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1 NJRC-NJG1521PE1 Datasheet
407Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1515AVB2 NJRC-NJG1515AVB2 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
   800MHz BAND MIXER GaAs MMIC
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com