Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFUV1702S2 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFUV1702S2
Description  17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1702S2 Datasheet(HTML) 3 Page - RF Micro Devices

  RFUV1702S2 Datasheet HTML 1Page - RF Micro Devices RFUV1702S2 Datasheet HTML 2Page - RF Micro Devices RFUV1702S2 Datasheet HTML 3Page - RF Micro Devices RFUV1702S2 Datasheet HTML 4Page - RF Micro Devices RFUV1702S2 Datasheet HTML 5Page - RF Micro Devices RFUV1702S2 Datasheet HTML 6Page - RF Micro Devices RFUV1702S2 Datasheet HTML 7Page - RF Micro Devices RFUV1702S2 Datasheet HTML 8Page - RF Micro Devices RFUV1702S2 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RFUV1702
DS130311
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Electrical Performance
Measurements performed on connectorized evaluation board as shown on P.8 with I and Q (IF) ports connected to an external
90° Hybrid, LO Power = 0dBm and IF = 2.5GHz, -10dBm, VLPA12 = 3.5V, I VLPA12 = 120mA* , VMPA = 4.5V, I VMPA = 120mA**,
VLOA1 = VLOA2 = 4V and VC1 = VC2 = VC3 = -4V, unless otherwise stated.
*Adjust VG1 around -0.45V to get I VLPA12 = 120mA
**Adjust VG2 around -0.45V to get I VMPA = 120mA
USB Conversion Gain, Image Rejection, OIP3, and LO Leakage
LO Frequency (13.5GHz to 21.5GHz)
0
5
10
15
20
25
30
16
17
18
19
20
21
22
23
24
RF Frequency (GHz)
Max Conversion Gain versus RF Frequency (USB)
Ibias= 18mV
Qbias=5mV
0
10
20
30
40
50
60
16
17
18
19
20
21
22
23
24
RFFrequency (GHz)
Image Rejectionat Gmax versus RF Frequency (USB)
Ibias= 18mV
Qbias= 5mV
0
5
10
15
20
25
30
35
40
16
17
18
19
20
21
22
23
24
RF Frequency (GHz)
OIP3 versusRFFrequency (USB)
Ibias=18mV
Qbias= 5mV
0
5
10
15
20
25
30
35
5
0
5
10
15
20
25
Conversion Gain (dB)
OIP3versus Conversion Gain
(USB18GHz Band)
19.75GHz
19GHz
17.7GHz
biassequenceonpage6 is used
10
9
8
7
6
5
4
3
2
1
0
14
15
16
17
18
19
X2LOFrequency (GHz)
X2LO Leakage atGmax versus X2LO Frequency
(USB18GHz Band)
Ibias= 18mV
Qbias= 5mV
60
50
40
30
20
10
0
7
8
9
101112
X1 LO Frequency (GHz)
X1 LO Leakage at Gmax versus X1 LO Frequency
Ibias= 18mV
Qbias= 5mV


Similar Part No. - RFUV1702S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Qorvo, Inc
RFUV1703 QORVO-RFUV1703 Datasheet
1Mb / 13P
   21 GHz to 26.5 GHz GaAs MMIC IQ Upco
logo
RF Micro Devices
RFUV1703PCBA-410 RFMD-RFUV1703PCBA-410 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Qorvo, Inc
RFUV1703PCBA-410 QORVO-RFUV1703PCBA-410 Datasheet
1Mb / 13P
   21 GHz to 26.5 GHz GaAs MMIC IQ Upco
logo
RF Micro Devices
RFUV1703S2 RFMD-RFUV1703S2 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
More results

Similar Description - RFUV1702S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFPA1702 RFMD-RFPA1702 Datasheet
911Kb / 9P
   17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
67Kb / 5P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8125GR NEC-UPC8125GR_99 Datasheet
176Kb / 15P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
logo
RF Micro Devices
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
logo
Marki Microwave
MMIQ-1865H MARKIMICROWAVE-MMIQ-1865H Datasheet
1Mb / 19P
   Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com