Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFUV1002 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFUV1002
Description  9GHz TO 14GHz GaAs MMIC IQ UP-CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1002 Datasheet(HTML) 2 Page - RF Micro Devices

  RFUV1002 Datasheet HTML 1Page - RF Micro Devices RFUV1002 Datasheet HTML 2Page - RF Micro Devices RFUV1002 Datasheet HTML 3Page - RF Micro Devices RFUV1002 Datasheet HTML 4Page - RF Micro Devices RFUV1002 Datasheet HTML 5Page - RF Micro Devices RFUV1002 Datasheet HTML 6Page - RF Micro Devices RFUV1002 Datasheet HTML 7Page - RF Micro Devices RFUV1002 Datasheet HTML 8Page - RF Micro Devices RFUV1002 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2 of 17
RFUV1002
DS110908
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
LPA Drain Voltage Vd
6
V
LOA Drain Voltage
6
V
RF Input Power
15
dBm
LO Input Power
15
dBm
TOPER
-40 to +85
C
TSTOR
-65 to +150
C
ESD Human Body Model
Class 1A
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RF Frequency
9
14
GHz
LO Frequency
5
18
GHz
IF Frequency
DC
4.0
GHz
LO input Drive
0
dBm
Conversion Gain (Max.)
20
23
dB
Conversion Gain (Min.)
-15
dB
NF (max. Gain)
12
dB
NF (min. Gain)
17
dB
OIP3 (max. Gain)
25
28
dBm
OIP3 (min. Gain)
9
14
dBm
Image Rejection
15
20
dBc
LO Leakage at RF-Port (Maximum Gain)
-5
5
dBm
With IQ bias
LO Return Loss
10
dB
RF Return Loss
10
dB
VD
5V
ID
380
500
mA
VVA
-3
0
V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RFUV1002

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1003PCK-410 RFMD-RFUV1003PCK-410 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1003S2 RFMD-RFUV1003S2 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1003SB RFMD-RFUV1003SB Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1003SQ RFMD-RFUV1003SQ Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
More results

Similar Description - RFUV1002

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
logo
Marki Microwave
MEQX-14ACH MARKIMICROWAVE-MEQX-14ACH Datasheet
456Kb / 8P
   Passive GaAs MMIC 14GHz Equalizer Family
logo
Hittite Microwave Corpo...
HMC113 HITTITE-HMC113 Datasheet
94Kb / 1P
   GaAs MMIC 2.5 TO 6 GHz UP - CONVERTER
logo
RF Micro Devices
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
   17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
logo
Marki Microwave
MMIQ-1865H MARKIMICROWAVE-MMIQ-1865H Datasheet
1Mb / 19P
   Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com