Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTD2061 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTD2061
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD2061 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTD2061_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTD2061_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 5. 22
2/2
KTD2061
Revision No : 4
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
0
0
CASE TEMPERATURE Ta ( C)
Pc - Ta
10
0.3
0.1
0.03
0.01
COLLECTOR CURRENT I
(A)
C
h
- I
V
,V
- I
C
COLLECTOR CURRENT I
(A)
FE
C
13
10
30
50
100
300
500
1k
V
=10V
CE
CE(sat)
BE(sat)
C
50
100
150
10
20
30
40
0
0
0.01
0.03
0.1
0.3
0.01
10
20
30
40
50
0.2
0.4
0.6
0.8
1.0
I =8mA
B
I =7mA
B
I =6mA
B
I =5mA
B
I =4mA
B
I =3mA
B
I =2mA
B
I =1mA
B
13
10
0.03
0.05
0.1
0.3
0.5
1
3
5
10
VBE(sat)
CE(sat)
V
I =10I
C
B
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
3
DC OPERATION
510
30
7
0.007
0.01
0.03
0.5
50
100
300
0.05
0.1
0.3
1
3
5
* SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I
MAX(PULSED)
C
C
I
MAX
(CONTINUOUS)
Tc=25 C


Similar Part No. - KTD2061_15

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTD2061EUAC-EV1 KINETIC-KTD2061EUAC-EV1 Datasheet
235Kb / 3P
   36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2061EUAC-TR KINETIC-KTD2061EUAC-TR Datasheet
235Kb / 3P
   36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
   36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
KTD2061QGUAC-TR KINETIC-KTD2061QGUAC-TR Datasheet
142Kb / 2P
   36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
More results

Similar Description - KTD2061_15

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com