Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFSA3613SR Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFSA3613SR
Description  5MHz to 6000MHz, Digital Step Attenuator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3613SR Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFSA3613SR Datasheet HTML 7Page - RF Micro Devices RFSA3613SR Datasheet HTML 8Page - RF Micro Devices RFSA3613SR Datasheet HTML 9Page - RF Micro Devices RFSA3613SR Datasheet HTML 10Page - RF Micro Devices RFSA3613SR Datasheet HTML 11Page - RF Micro Devices RFSA3613SR Datasheet HTML 12Page - RF Micro Devices RFSA3613SR Datasheet HTML 13Page - RF Micro Devices RFSA3613SR Datasheet HTML 14Page - RF Micro Devices RFSA3613SR Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141203
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
11 of 16
RFSA3613
Evaluation Board Assembly Drawing


Similar Part No. - RFSA3613SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3623 RFMD-RFSA3623 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3623PCK-410 RFMD-RFSA3623PCK-410 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3623SQ RFMD-RFSA3623SQ Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3623SR RFMD-RFSA3623SR Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3623TR7 RFMD-RFSA3623TR7 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
More results

Similar Description - RFSA3613SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3623 RFMD-RFSA3623 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3413 RFMD-RFSA3413 Datasheet
1Mb / 14P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
   50MHz to 6000MHz, Digital Step Attenuator
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
   5MHz to 4000MHz, Digital Step Attenuator
RFSA4033 RFMD-RFSA4033 Datasheet
3Mb / 17P
   Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com