Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF3546M Datasheet(PDF) 3 Page - International Rectifier

Part # IRF3546M
Description  60A Dual Integrated Power Block
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3546M Datasheet(HTML) 3 Page - International Rectifier

  IRF3546M_15 Datasheet HTML 1Page - International Rectifier IRF3546M_15 Datasheet HTML 2Page - International Rectifier IRF3546M_15 Datasheet HTML 3Page - International Rectifier IRF3546M_15 Datasheet HTML 4Page - International Rectifier IRF3546M_15 Datasheet HTML 5Page - International Rectifier IRF3546M_15 Datasheet HTML 6Page - International Rectifier IRF3546M_15 Datasheet HTML 7Page - International Rectifier IRF3546M_15 Datasheet HTML 8Page - International Rectifier IRF3546M_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IRF3546
60A Dual Integrated Power Block
www.irf.com | © 2013 International Rectifier
May 29, 2013 | Final
3
TYPICAL APPLICATION
SW1
IRF3546
VIN1
PGND
VOUT1
C1
10uF x2
L1
150nH
C3
22uF x5
1, 40, 41
38, 39
29-36
C2
0.1uF
GATEL1
37
SW2
VIN2
PGND
VOUT2
C4
10uF x2
L2
150nH
C6
22uF x5
15-17
19, 20
21-28
C5
0.1uF
GATEL2
18
GATEH2
9
GATEH1
7
PGND
8, 42
Q1
Q2
Q3
Q4
Figure 3: High Density Two Phase Voltage Regulator


Similar Part No. - IRF3546M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3546MTRPBF IRF-IRF3546MTRPBF Datasheet
358Kb / 18P
   60A Dual Integrated Power Block
More results

Similar Description - IRF3546M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3546 IRF-IRF3546 Datasheet
358Kb / 18P
   60A Dual Integrated Power Block
IR3550 IRF-IR3550 Datasheet
837Kb / 22P
   60A Integrated PowIRstage짰
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3579 IRF-IR3579_15 Datasheet
82Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3579A IRF-IR3579A_15 Datasheet
81Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
   60A Exposed Top Integrated PowIRstage
IR3575 IRF-IR3575_15 Datasheet
955Kb / 22P
   60A Exposed Top Integrated PowIRstage
logo
Molex Electronics Ltd.
39970-0111 MOLEX11-39970-0111 Datasheet
42Kb / 2P
   10.16mm Beau Eurostyle Fixed Mount PCB Terminal Block, High Power 60A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com