Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9824C Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9824C
Description  Smart Multi-Voltage Detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9824C Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9824C Datasheet HTML 1Page - Richtek Technology Corporation RT9824C Datasheet HTML 2Page - Richtek Technology Corporation RT9824C Datasheet HTML 3Page - Richtek Technology Corporation RT9824C Datasheet HTML 4Page - Richtek Technology Corporation RT9824C Datasheet HTML 5Page - Richtek Technology Corporation RT9824C Datasheet HTML 6Page - Richtek Technology Corporation RT9824C Datasheet HTML 7Page - Richtek Technology Corporation RT9824C Datasheet HTML 8Page - Richtek Technology Corporation RT9824C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9824C
4
DS9824C-00 August 2014
www.richtek.com
©
Copyright 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VCC Supply Current
IVCC
Without load
--
--
200
A
VCC Operating Voltage
VCC
2.97
5
5.94
V
VCC POR Rising
VPOR
--
2.8
--
V
VCC POR Hysteresis
VPOR_Hys
--
0.15
--
V
Voltage Detector & MUTE Threshold
V5 High Threshold Voltage
V5TH
3.92
4
4.08
V
V54 High Threshold Voltage
V54TH
4.23
4.32
4.41
V
VADJ High Threshold Voltage
VADJTH
0.98
1
1.02
V
Manual Reset High Voltage
VIH
2
--
--
V
Manual Reset Low Voltage
VIL
--
--
0.8
V
Voltage Detector Deglitch and Delay
Voltage Detectors Delay Time
TDELAY
45
60
80
ms
Voltage Detectors Deglitch Time TDEGLITCH
--
20
--
s
Output : Open Drain
RESET Output Low Voltage
VOL_RESET
VCC = 3.3V, 5mA sinking current
at RESET output
--
--
0.3
V
CTR Output Low Voltage
VOL_CTR
VCC = 3.3V, 5mA sinking current
at CTR output
--
--
0.3
V
Recommended Operating Conditions
(Note 4)
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
(VCC = 5V, TA = 25
°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
VCC, CTR, MR, RESET, V5, V54, VADJ ------------------------------------------------------------------------------
−0.3V to 6.5V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-8 --------------------------------------------------------------------------------------------------------------------- 0.435W
Package Thermal Resistance (Note 2)
TSOT-23-8,
θJA --------------------------------------------------------------------------------------------------------------- 230°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ------------------------------------------------------------------------------------------------ 2kV
MM (Machine Model) ------------------------------------------------------------------------------------------------------- 200V


Similar Part No. - RT9824C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9824 RICHTEK-RT9824 Datasheet
157Kb / 8P
   Smart Multi-Voltage Detector
More results

Similar Description - RT9824C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9824 RICHTEK-RT9824 Datasheet
157Kb / 8P
   Smart Multi-Voltage Detector
RT9823 RICHTEK-RT9823 Datasheet
144Kb / 7P
   Smart Multi-Voltage Detector
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com