Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9715AGQW Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9715AGQW
Description  Reverse Blocking Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715AGQW Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9715AGQW Datasheet HTML 1Page - Richtek Technology Corporation RT9715AGQW Datasheet HTML 2Page - Richtek Technology Corporation RT9715AGQW Datasheet HTML 3Page - Richtek Technology Corporation RT9715AGQW Datasheet HTML 4Page - Richtek Technology Corporation RT9715AGQW Datasheet HTML 5Page - Richtek Technology Corporation RT9715AGQW Datasheet HTML 6Page - Richtek Technology Corporation RT9715AGQW Datasheet HTML 7Page - Richtek Technology Corporation RT9715AGQW Datasheet HTML 8Page - Richtek Technology Corporation RT9715AGQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT9715CA
3
DS9715CA-00 April 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN -------------------------------------------------------------------------------------------- 2.7V to 5.5V
EN Voltage -------------------------------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to 100°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -------------------------------------------------------------------------------------------- 6V
EN Voltage --------------------------------------------------------------------------------------------------------------
−0.3V to 6V
FLAG Voltage ---------------------------------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA = 25
°C
SOT-23-5 ---------------------------------------------------------------------------------------------------------------- 0.3W
Package Thermal Resistance (Note 2)
SOT-23-5,
θJA ----------------------------------------------------------------------------------------------------------- 250°C/W
Junction Temperature ------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
(VIN = 5V, CIN = 1
μF, COUT = 10μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Quiescent Current
IQ
Switch On, VOUT = Open
--
50
70
A
Input Shutdown Current
ISHDN
Switch Off, VOUT = Open
--
0.1
1
Switch On Resistance
VIN = 5V, IOUT = 1.3A
--
90
110
m
Current Limit
ILIM
VOUT = 4V
1.5
2
2.8
A
Short Current
ISC_FB
VOUT = 0V, Measured Prior to
Thermal Shutdown
--
1.4
--
A
EN
Threshold
Logic_High Voltage
VIH
VIN = 2.7V to 5.5V
2
--
--
V
Logic_Low Voltage
VIL
VIN = 2.7V to 5.5V
--
--
0.8
EN Input Current
IEN
VEN = 5V
--
0.01
0.1
A
Output Leakage Current
ILEAKAGE
VEN = 0V, RLOAD = 0
--
0.5
1
A
Output Turn-On Rise Time
TON_RISE
10% to 90% of VOUT Rising
--
200
--
s
FLG Output Resistance
RFLG
ISINK = 1mA
--
20
--
FLG Off Current
IFLG_OFF
VFLG = 5V
--
0.01
1
A
FLG Delay Time
TD
From fault condition to FLG
assertion
5
12
20
ms


Similar Part No. - RT9715AGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9715AGQW RICHTEK-RT9715AGQW Datasheet
338Kb / 15P
   Operating Range : 2.7V to 5.5V, Reverse Blocking Current
RT9715AGQW RICHTEK-RT9715AGQW Datasheet
338Kb / 15P
   90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
More results

Similar Description - RT9715AGQW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32454 VISHAY-SIP32454 Datasheet
221Kb / 12P
   Reverse current blocking when disabled
Rev. A, 07-May-12
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
   2A Load Switch with Reverse Current Blocking
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
   Full Function Load Switch with Reverse Current Blocking
logo
Richtek Technology Corp...
RT9715AGB RICHTEK-RT9715AGB Datasheet
338Kb / 15P
   Operating Range : 2.7V to 5.5V, Reverse Blocking Current
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
   3A Current Limited Load Switch with True Reverse Current Blocking
logo
Sanyo Semicon Device
DRA5 SANYO-DRA5 Datasheet
99Kb / 3P
   5.0A Reverse Blocking Thyristor
logo
Sanken electric
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com