Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFSA3043SQ Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA3043SQ
Description  75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3043SQ Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA3043SQ Datasheet HTML 1Page - RF Micro Devices RFSA3043SQ Datasheet HTML 2Page - RF Micro Devices RFSA3043SQ Datasheet HTML 3Page - RF Micro Devices RFSA3043SQ Datasheet HTML 4Page - RF Micro Devices RFSA3043SQ Datasheet HTML 5Page - RF Micro Devices RFSA3043SQ Datasheet HTML 6Page - RF Micro Devices RFSA3043SQ Datasheet HTML 7Page - RF Micro Devices RFSA3043SQ Datasheet HTML 8Page - RF Micro Devices RFSA3043SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS160619
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 18
RFSA3043
75Ω Voltage Controlled Attenuator
5MHz to 3000MHz
RFMD’s RFSA3043 is a fully monolithic analog voltage controlled
attenuator (VCA) featuring exceptional linearity over a typical temperature
compensated 30dB gain control range. It incorporates a revolutionary new
circuit architecture to solve a long standing industry problem: high IP3, high
attenuation range, low DC current, broad bandwidth and temperature
compensated linear in dB control voltage characteristic. This voltage
controlled attenuator is controlled by a single positive control voltage with
on-chip DC conditioning circuitry. The slope of the control voltage versus
gain is selectable. The RFSA3043 draws a very low 2mA current and is
packaged in a small 3mm x 3mm QFN. This attenuator is matched to 75
over its rated control range and frequency with no external matching
components required. Typical VCAs in this performance category have poor
inherent attenuation versus temperature and poor nonlinear attenuation
versus control voltage characteristics. To correct these short-comings, other
VCAs require extensive off chip analog support circuitry that consumes
valuable PCB area and additional DC power. This game changing product
incorporates the complete solution in a small 3mm x 3mm QFN package
that reduces the footprint 20x in area and reduces the DC power by 5x over
conventional PIN diode approaches.
Functional Block Diagram
Ordering Information
RFSA3043SQ
Sample bag with 25 pieces
RFSA3043SR
7" Reel with 100 pieces
RFSA3043TR7
7" Reel with 2500 pieces
RFSA3043PCK-410
5MHz to 3000MHz PCBA with 5-piece sample
bag
Package: QFN, 16-pin,
3.0mm x 3.0mm
Features
Patent Pending Circuit Architecture
Broadband 5MHz to 3000MHz
Frequency Range
30dB Attenuation Range
+50dBm Input IP3 Typical
+80dBm Input IP2 Typical
Low Distortion -80dBc CSO and
-75dBc CTB for 132 Channel
38dBmV Input
High 1dB Compression Point
>+30dBm
Low Supply Current 2mA Typical
3V to 5V Power Supply
Linear in dB Control Characteristic
Internal Temperature
Compensation
Class 2 ESD (2000V)
Complete Solution in a Small 3mm
x 3mm, QFN Package
Applications
Cable Modems
CATV
High Linearity Power Control
RFSA3043


Similar Part No. - RFSA3043SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFSA3043SQ QORVO-RFSA3043SQ Datasheet
2Mb / 16P
   75 Voltage Controlled Attenuator (5 ??3000 MHz)
More results

Similar Description - RFSA3043SQ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2270 RENESAS-F2270 Datasheet
4Mb / 30P
   75廓 Voltage Variable Attenuator 5MHz to 3000MHz
logo
Integrated Device Techn...
F2270 IDT-F2270 Datasheet
4Mb / 28P
   75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz
logo
Renesas Technology Corp
F2971 RENESAS-F2971 Datasheet
5Mb / 18P
   75廓 SP2T RF Switch 5MHz to 3000MHz
logo
Qorvo, Inc
QPC4043 QORVO-QPC4043 Datasheet
1,010Kb / 17P
   75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
logo
RF Micro Devices
RFSA3023 RFMD-RFSA3023 Datasheet
1Mb / 17P
   75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3013 RFMD-RFSA3013 Datasheet
1Mb / 17P
   75 VOLTAGE CONTROLLED ATTENUATOR
logo
Renesas Technology Corp
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
   Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
504Kb / 11P
   75 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
   75 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com