Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9167-47PB Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9167-47PB
Description  The RT9167B is a 300mA low dropout and low noise
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167-47PB Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9167-47PB Datasheet HTML 1Page - Richtek Technology Corporation RT9167-47PB Datasheet HTML 2Page - Richtek Technology Corporation RT9167-47PB Datasheet HTML 3Page - Richtek Technology Corporation RT9167-47PB Datasheet HTML 4Page - Richtek Technology Corporation RT9167-47PB Datasheet HTML 5Page - Richtek Technology Corporation RT9167-47PB Datasheet HTML 6Page - Richtek Technology Corporation RT9167-47PB Datasheet HTML 7Page - Richtek Technology Corporation RT9167-47PB Datasheet HTML 8Page - Richtek Technology Corporation RT9167-47PB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9167B
5
DS9167B-01 April 2011
www.richtek.com
Typical Operating Characteristics
Output Voltage vs. Temperature
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
-50-25
0
25
50
75100
125
150
Temperature (°C)
VOUT = 3.3V
Quiescent Current vs. Temperature
0
15
30
45
60
75
90
105
120
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
VOUT = 3.3V
Dropout Voltage vs. Load Current
0
50
100
150
200
250
0
0.05
0.1
0.15
0.2
0.25
0.3
Load Current (mA)
VOUT = 5V
25°C
-40°C
125°C
Current Limit vs. Temperature
300
350
400
450
500
550
600
650
700
-50-25
0
25
50
75100
125
Temperature (°C)
VOUT = 5V
Load Transient Response
Time (50μs/Div)
60
40
20
0
-20
50
1
-50
VIN = 4V
VOUT = 3V
CIN = 10
μF
COUT = 1
μF
CBP = 10nF
Load Transient Response
Time (50μs/Div)
60
40
20
0
-20
50
1
-50
VIN = 4V
VOUT = 3V
CIN = 10
μF
COUT = 4.7
μF
CBP = 10nF


Similar Part No. - RT9167-47PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167-47PB RICHTEK-RT9167-47PB Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
More results

Similar Description - RT9167-47PB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS203B0EJV50 INFINEON-TLS203B0EJV50 Datasheet
2Mb / 25P
   Low Dropout, Low Noise, 5V, 300mA
Rev. 1.1, 2015-01-15
logo
List of Unclassifed Man...
AMC8877 ETC-AMC8877 Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
logo
Richtek Technology Corp...
RT9073A RICHTEK-RT9073A Datasheet
265Kb / 13P
   The RT9073A is a low-dropout
RT9069 RICHTEK-RT9069 Datasheet
662Kb / 15P
   The RT9069 is a low-dropout
RT9073 RICHTEK-RT9073 Datasheet
246Kb / 14P
   The RT9073 is a low-dropout
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
logo
SG Micro Corp
SG2002 SGMICRO-SG2002 Datasheet
588Kb / 11P
   300mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6300A AITSEMI-A6300A Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com