Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9167-30GB Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9167-30GB
Description  The RT9167B is a 300mA low dropout and low noise
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167-30GB Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9167-30GB Datasheet HTML 1Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 2Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 3Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 4Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 5Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 6Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 7Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 8Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9167B
3
DS9167B-01 April 2011
www.richtek.com
Absolute Maximum Ratings
(Note1)
Input Voltage --------------------------------------------------------------------------------------------------------------- 8V
EN Input Voltage ---------------------------------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA = 25
°C
MSOP-8 -------------------------------------------------------------------------------------------------------------------- 0.823W
Package Thermal Resistance (Note2)
MSOP-8,
θJA --------------------------------------------------------------------------------------------------------------- 120°C/W
Junction Temperature ---------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
65°C to 150°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------ 260
°C
Recommended Operating Conditions
(Note 3)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------------- 2.7V to 7V
EN Input Voltage ---------------------------------------------------------------------------------------------------------- 2.7V to 5.5V
Junction Temperature Range -------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
(VIN = 5.0V, CIN = 1
μF, COUT = 1μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
2.9
--
7
Input Voltage Range
VIN
IL = 50mA
2.7
--
7
V
Output Voltage Accuracy
ΔVOUT IL = 1mA
−2
--
2
%
Maximum Output Current
IMAX
300
--
--
mA
Current Limit
ILIM
RLOAD = 1Ω
400
--
--
mA
No Load
--
80
150
Quiescent Current
IQ
IOUT = 300mA
--
90
150
μA
IOUT = 1mA
--
1.1
5
IOUT = 50mA
--
55
100
Dropout Voltage
(Note 4)
(VOUT(Normal) = 3V Version)
VDROP
IOUT = 300mA
--
350
450
mV
Line Regulation
ΔVLINE VIN= (VOUT + 0.15) to 7V, IOUT =1mA
--
--
6
mV/V
Load Regulation
ΔVLOAD IOUT = 0mA to 300mA
--
--
30
mV
Logic-High VIH
VIN= 3V to 5.5V
1.6
--
--
EN Input Threshold
Logic-Low
VIL
VIN = 3V to 5.5V
--
--
0.4
V
EN Bias Current
ISD
--
--
100
nA
Shutdown Supply Current
IGSD
VOUT = 0V
--
0.01
1
μA
Thermal Shutdown Temperature
TSD
--
155
--
°C
Ripple Rejection
PSRR
F = 100Hz, CBP = 10nF, COUT = 10μF
--
58
--
dB


Similar Part No. - RT9167-30GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167-30GB RICHTEK-RT9167-30GB Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
More results

Similar Description - RT9167-30GB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS203B0EJV50 INFINEON-TLS203B0EJV50 Datasheet
2Mb / 25P
   Low Dropout, Low Noise, 5V, 300mA
Rev. 1.1, 2015-01-15
logo
List of Unclassifed Man...
AMC8877 ETC-AMC8877 Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
logo
Richtek Technology Corp...
RT9073A RICHTEK-RT9073A Datasheet
265Kb / 13P
   The RT9073A is a low-dropout
RT9069 RICHTEK-RT9069 Datasheet
662Kb / 15P
   The RT9069 is a low-dropout
RT9073 RICHTEK-RT9073 Datasheet
246Kb / 14P
   The RT9073 is a low-dropout
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
logo
SG Micro Corp
SG2002 SGMICRO-SG2002 Datasheet
588Kb / 11P
   300mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6300A AITSEMI-A6300A Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com