Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9167-30GB Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9167-30GB
Description  The RT9167B is a 300mA low dropout and low noise
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167-30GB Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9167-30GB Datasheet HTML 2Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 3Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 4Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 5Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 6Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 7Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 8Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 9Page - Richtek Technology Corporation RT9167-30GB Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RT9167B
6
DS9167B-01 April 2011
www.richtek.com
150
100
50
0
-50
5
4
Line Transient Response
Time (1ms/Div)
Loading = 1mA
VOUT = 3V
COUT = 1
μF
CBP = 10nF
150
100
50
0
-50
5
4
Line Transient Response
Time (1ms/Div)
Loading = 50mA
VOUT = 3V
COUT = 1
μF
CBP = 10nF
150
100
50
0
-50
5
4
Line Transient Response
Time (500
μs/Div)
Loading = 1mA
VOUT = 3V
COUT = 4.7
μF
CBP = 10nF
60
40
20
0
-20
5
4
Line Transient Response
Time (500
μs/Div)
Loading = 50mA
VOUT = 3V
COUT = 4.7
μF
CBP = 10nF
PSRR
0
10
20
30
40
50
60
70
10
100
1000
10000
100000
1000000
Frequency (kHz)
VOUT = 3.3V, ILOAD = 1mA
COUT = 4.7
μF, CBP = 10nF
10
100
1K
10K
100K
1M


Similar Part No. - RT9167-30GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167-30GB RICHTEK-RT9167-30GB Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
More results

Similar Description - RT9167-30GB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS203B0EJV50 INFINEON-TLS203B0EJV50 Datasheet
2Mb / 25P
   Low Dropout, Low Noise, 5V, 300mA
Rev. 1.1, 2015-01-15
logo
List of Unclassifed Man...
AMC8877 ETC-AMC8877 Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
logo
Richtek Technology Corp...
RT9073A RICHTEK-RT9073A Datasheet
265Kb / 13P
   The RT9073A is a low-dropout
RT9069 RICHTEK-RT9069 Datasheet
662Kb / 15P
   The RT9069 is a low-dropout
RT9073 RICHTEK-RT9073 Datasheet
246Kb / 14P
   The RT9073 is a low-dropout
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
logo
SG Micro Corp
SG2002 SGMICRO-SG2002 Datasheet
588Kb / 11P
   300mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6300A AITSEMI-A6300A Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com