Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9167B Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9167B
Description  The RT9167B is a 300mA low dropout and low noise
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167B Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9167B Datasheet HTML 2Page - Richtek Technology Corporation RT9167B Datasheet HTML 3Page - Richtek Technology Corporation RT9167B Datasheet HTML 4Page - Richtek Technology Corporation RT9167B Datasheet HTML 5Page - Richtek Technology Corporation RT9167B Datasheet HTML 6Page - Richtek Technology Corporation RT9167B Datasheet HTML 7Page - Richtek Technology Corporation RT9167B Datasheet HTML 8Page - Richtek Technology Corporation RT9167B Datasheet HTML 9Page - Richtek Technology Corporation RT9167B Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT9167B
7
DS9167B-01 April 2011
www.richtek.com
Application Information
Capacitor Selection and Regulator Stability
Like any low-dropout regulator, the external capacitors used
with the RT9167B must be carefully selected for regulator
stability and performance.
Using a capacitor whose value is > 1
μF on the RT9167B
input and the amount of capacitance can be increased
without limit. The input capacitor must be located a
distance of not more than 0.5" from the input pin of the IC
and returned to a clean analog ground. Any good quality
ceramic or tantalum can be used for this capacitor. The
capacitor with larger value and lower ESR (equivalent series
resistance) provides better PSRR and line-transient
response.
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR in all LDOs
application. The RT9167B is designed specifically to work
with low ESR ceramic output capacitor in space-saving
and performance consideration. Using a ceramic capacitor
whose value is at least 1
μF with ESR is > 5mΩ on the
RT9167B output ensures stability. The RT9167B still
works well with output capacitor of other types due to the
wide stable ESR range. Figure 1. shows the curves of
allowable ESR range as a function of load current for various
output voltages and capacitor values. Output capacitor of
larger capacitance can reduce noise and improve load-
transient response, stability, and PSRR. The output
capacitor should be located not more than 0.5" from the
VOUT pin of the RT9167B and returned to a clean analog
ground.
Note that some ceramic dielectrics exhibit large
capacitance and ESR variation with temperature. It may
be necessary to use 2.2
μF or more to ensure stability at
temperatures below
−10°C in this case. Also, tantalum
capacitors, 2.2
μF or more may be needed to maintain
capacitance and ESR in the stable region for strict
application environment.
Tantalum capacitors maybe suffer failure due to surge
current when it is connected to a low-impedance source
of power (like a battery or very large capacitor). If a tantalum
capacitor is used at the input, it must be guaranteed to
have a surge current rating sufficient for the application
by the manufacture.
Use a 10nF bypass capacitor at BP for low output voltage
noise. The capacitor, in conjunction with an internal 200k
Ω
resistor, which connects bypass pin and the band-gap
reference, creates an 80Hz low-pass filter for noise
reduction. Increasing the capacitance will slightly decrease
the output noise, but increase the start-up time. The
capacitor connected to the bypass pin for noise reduction
must have very low leakage. This capacitor leakage current
causes the output voltage to decline by a proportional
amount to the current due to the voltage drop on the internal
200k
Ω resistor. Figure 2 shows the power on response.
10.0
15.0
0
5.0
CBP = 10nF
Time (ms)
CBP = 1nF
VOUT=3.0V
0
5.0
10.0
15.0
CBP = 10nF
CBP = 10nF
VOUT = 3V
Figure 2
Figure 1
Region of Stable COUT ESR vs. Load Current
0.001
0.010
0.100
1.000
10.000
100.000
0
50
100
150
200
250
300
Load Current (mA)
10
1
0.1
0.01
0.001
COUT = 1
μF
Unstable Region
Stable Region
Unstable Region
100


Similar Part No. - RT9167B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
RT9167-15GB RICHTEK-RT9167-15GB Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
RT9167-15GBR RICHTEK-RT9167-15GBR Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
RT9167-15GS RICHTEK-RT9167-15GS Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
RT9167-15PB RICHTEK-RT9167-15PB Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
More results

Similar Description - RT9167B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS203B0EJV50 INFINEON-TLS203B0EJV50 Datasheet
2Mb / 25P
   Low Dropout, Low Noise, 5V, 300mA
Rev. 1.1, 2015-01-15
logo
List of Unclassifed Man...
AMC8877 ETC-AMC8877 Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
logo
Richtek Technology Corp...
RT9073A RICHTEK-RT9073A Datasheet
265Kb / 13P
   The RT9073A is a low-dropout
RT9069 RICHTEK-RT9069 Datasheet
662Kb / 15P
   The RT9069 is a low-dropout
RT9073 RICHTEK-RT9073 Datasheet
246Kb / 14P
   The RT9073 is a low-dropout
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
logo
SG Micro Corp
SG2002 SGMICRO-SG2002 Datasheet
588Kb / 11P
   300mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6300A AITSEMI-A6300A Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com