Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9073 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9073
Description  The RT9073 is a low-dropout
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9073 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9073 Datasheet HTML 5Page - Richtek Technology Corporation RT9073 Datasheet HTML 6Page - Richtek Technology Corporation RT9073 Datasheet HTML 7Page - Richtek Technology Corporation RT9073 Datasheet HTML 8Page - Richtek Technology Corporation RT9073 Datasheet HTML 9Page - Richtek Technology Corporation RT9073 Datasheet HTML 10Page - Richtek Technology Corporation RT9073 Datasheet HTML 11Page - Richtek Technology Corporation RT9073 Datasheet HTML 12Page - Richtek Technology Corporation RT9073 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT9073
9
DS9073-02 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Current Limit vs. Temperature
280
330
380
430
480
530
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 3.3V
VOUT = 0.9V
VIN = 5V
Fold-Back Current Limit vs. Temperature
220
270
320
370
420
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 3.3V
VOUT = 0.9V
VIN = 5V
SNS Input Current vs. Temperature
400
500
600
700
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 0.9V
VOUT = 3.3V
VIN = 5V
Ground Current vs. Load Current
0
50
100
150
200
0.01
0.1
1
10
100
1000
10000
Load Current (mA)
VIN = 5V
TA =
−40°C
TA = 25
°C
TA = 125
°C
Dropout Voltage vs. Output Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
50
100
150
200
250
Output Current (mA)
VOUT = 1.5V
TA = 125
°C
TA = 85
°C
TA = 25
°C
TA =
−40°C
Dropout Voltage vs. Output Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
50
100
150
200
250
Output Current (mA)
VOUT = 2.5V
TA = 125
°C
TA = 85
°C
TA = 25
°C
TA =
−40°C


Similar Part No. - RT9073

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9073A RICHTEK-RT9073A Datasheet
265Kb / 13P
   The RT9073A is a low-dropout
More results

Similar Description - RT9073

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9073A RICHTEK-RT9073A Datasheet
265Kb / 13P
   The RT9073A is a low-dropout
RT9069 RICHTEK-RT9069 Datasheet
662Kb / 15P
   The RT9069 is a low-dropout
RT9167B RICHTEK-RT9167B Datasheet
206Kb / 10P
   The RT9167B is a 300mA low dropout and low noise
logo
STMicroelectronics
AN1441 STMICROELECTRONICS-AN1441 Datasheet
381Kb / 13P
   The ST890 is a low voltage
logo
Texas Instruments
LM1117-N TI-LM1117-N Datasheet
2Mb / 32P
[Old version datasheet]   The LM1117-N is a series of low dropout voltage regulators with a dropout of 1.2V at 800mA of load current.
logo
Maxim Integrated Produc...
MAXREFDES117 MAXIM-MAXREFDES117 Datasheet
451Kb / 10P
   The MAXREFDES117# reference design is a low power
8/17/2016
logo
Anaren Microwave
1M710S ANAREN-1M710S Datasheet
175Kb / 3P
   The 1M710 Micro Xinger is a low profile
logo
Texas Instruments
LM1085 TI-LM1085 Datasheet
2Mb / 22P
[Old version datasheet]   The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
logo
STMicroelectronics
AN4392 STMICROELECTRONICS-AN4392 Datasheet
1Mb / 17P
   The BlueNRG is a very low power Bluetooth low energy
logo
SHANGHAI BELLING CO., L...
BL8528 BELLING-BL8528 Datasheet
633Kb / 8P
   The BL8528 is a synchronous
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com