Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8497 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8497
Description  Power MOSFET Integrated High Efficiency BCM LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8497 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8497 Datasheet HTML 4Page - Richtek Technology Corporation RT8497 Datasheet HTML 5Page - Richtek Technology Corporation RT8497 Datasheet HTML 6Page - Richtek Technology Corporation RT8497 Datasheet HTML 7Page - Richtek Technology Corporation RT8497 Datasheet HTML 8Page - Richtek Technology Corporation RT8497 Datasheet HTML 9Page - Richtek Technology Corporation RT8497 Datasheet HTML 10Page - Richtek Technology Corporation RT8497 Datasheet HTML 11Page - Richtek Technology Corporation RT8497 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT8497
Preliminary
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS8497-01
July
2015
8
Total Harmonic Distortion
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Class C
Measured
VIN_AC = 115V
IOUT = 320mA, LED 16pcs,
L = 470μH
Total Harmonic Distortion
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Class C
Measured
VIN_AC = 230V
IOUT = 320mA, LED 16pcs,
L = 470μH


Similar Part No. - RT8497

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8494 RICHTEK-RT8494 Datasheet
265Kb / 17P
   High Voltage High Current LED Driver Controller
RT8494GS RICHTEK-RT8494GS Datasheet
265Kb / 17P
   High Voltage High Current LED Driver Controller
RT8498 RICHTEK-RT8498 Datasheet
232Kb / 12P
   8V Multi-Topology LED Driver with Dimming Control
RT8498GE RICHTEK-RT8498GE Datasheet
232Kb / 12P
   8V Multi-Topology LED Driver with Dimming Control
More results

Similar Description - RT8497

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8487 RICHTEK-RT8487 Datasheet
781Kb / 13P
   High Efficiency BCM LED Driver Controller for High Power
logo
Kinetic Technologies.
KTD3122 KINETIC-KTD3122 Datasheet
810Kb / 20P
   High Efficiency Step-Up LED Driver with Integrated Power Diode
February 2016 - Revision 04d
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Power IC Ltd.
PS1313 PICSEMI-PS1313 Datasheet
171Kb / 9P
   High Efficiency, High Power White-LED Driver
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
logo
Fairchild Semiconductor
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
logo
Microsemi Corporation
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com