Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8497 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8497
Description  Power MOSFET Integrated High Efficiency BCM LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8497 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8497 Datasheet HTML 3Page - Richtek Technology Corporation RT8497 Datasheet HTML 4Page - Richtek Technology Corporation RT8497 Datasheet HTML 5Page - Richtek Technology Corporation RT8497 Datasheet HTML 6Page - Richtek Technology Corporation RT8497 Datasheet HTML 7Page - Richtek Technology Corporation RT8497 Datasheet HTML 8Page - Richtek Technology Corporation RT8497 Datasheet HTML 9Page - Richtek Technology Corporation RT8497 Datasheet HTML 10Page - Richtek Technology Corporation RT8497 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT8497
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8497-01
July
2015
www.richtek.com
7
Efficiency vs. Input Voltage
75
80
85
90
95
100
85
105
125
145
165
185
205
225
245
265
Input Voltage (V)
VIN_AC = 90V to 264V
IOUT = 320mA, LED 16pcs,
L = 470μH
RT8497A
Output Current vs. Input Voltage
270
280
290
300
310
320
330
340
350
360
370
85
105
125
145
165
185
205
225
245
265
Input Voltage (V)
VIN_AC = 90V to 264V
IOUT = 320mA, LED 16pcs,
L = 470μH
RT8497A
Power Factor vs. Input Voltage
0.70
0.75
0.80
0.85
0.90
0.95
1.00
85
105
125
145
165
185
205
225
245
265
Input Voltage (V)
VIN_AC = 90V to 264V
IOUT = 320mA, LED 16pcs,
L = 470μH
RT8497A
VIN_AC = 264V
Input and Output Current
Time (5ms/Div)
VIN
(500V/Div)
VOUT
(50V/Div)
IIN
(200mA/Div)
IOUT
(500mA/Div)
IOUT = 320mA, LED 16pcs, L = 470μH
Power On
Time (100ms/Div)
VIN
(500V/Div)
VOUT
(20V/Div)
IOUT
(200mA/Div)
VIN_AC = 264V
IOUT = 320mA,
LED 16pcs
, L = 470μH
Power Off
Time (100ms/Div)
VIN
(500V/Div
VOUT
(20V/Div)
IOUT
(200mA/Div)
VIN_AC = 264V
IOUT = 320mA,
LED 16pcs
, L = 470μH


Similar Part No. - RT8497

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8494 RICHTEK-RT8494 Datasheet
265Kb / 17P
   High Voltage High Current LED Driver Controller
RT8494GS RICHTEK-RT8494GS Datasheet
265Kb / 17P
   High Voltage High Current LED Driver Controller
RT8498 RICHTEK-RT8498 Datasheet
232Kb / 12P
   8V Multi-Topology LED Driver with Dimming Control
RT8498GE RICHTEK-RT8498GE Datasheet
232Kb / 12P
   8V Multi-Topology LED Driver with Dimming Control
More results

Similar Description - RT8497

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8487 RICHTEK-RT8487 Datasheet
781Kb / 13P
   High Efficiency BCM LED Driver Controller for High Power
logo
Kinetic Technologies.
KTD3122 KINETIC-KTD3122 Datasheet
810Kb / 20P
   High Efficiency Step-Up LED Driver with Integrated Power Diode
February 2016 - Revision 04d
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Power IC Ltd.
PS1313 PICSEMI-PS1313 Datasheet
171Kb / 9P
   High Efficiency, High Power White-LED Driver
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
logo
Fairchild Semiconductor
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
logo
Microsemi Corporation
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com