Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8477A Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8477A
Description  High Voltage High Multiple-Topology Current LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8477A Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8477A Datasheet HTML 5Page - Richtek Technology Corporation RT8477A Datasheet HTML 6Page - Richtek Technology Corporation RT8477A Datasheet HTML 7Page - Richtek Technology Corporation RT8477A Datasheet HTML 8Page - Richtek Technology Corporation RT8477A Datasheet HTML 9Page - Richtek Technology Corporation RT8477A Datasheet HTML 10Page - Richtek Technology Corporation RT8477A Datasheet HTML 11Page - Richtek Technology Corporation RT8477A Datasheet HTML 12Page - Richtek Technology Corporation RT8477A Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT8477A
9
DS8477A-02 April 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Power Off from VIN
Time (25ms/Div)
IOUT
(2A/Div)
VIN
(20V/Div)
VIN = 30V, IOUT = 2A, LED = 42pcs, L = 47
μH
VOUT
(10V/Div)


Similar Part No. - RT8477A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
RT8471GFP RICHTEK-RT8471GFP Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
RT8471GJ5 RICHTEK-RT8471GJ5 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
RT8471GSP RICHTEK-RT8471GSP Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
RT8471ZFP RICHTEK-RT8471ZFP Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
More results

Similar Description - RT8477A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8474A RICHTEK-RT8474A Datasheet
207Kb / 13P
   High Voltage Multiple-Topology LED Driver
logo
Global Mixed-mode Techn...
G2602 GMT-G2602 Datasheet
30Kb / 1P
   High Voltage Multi-Topology LED Driver
logo
Diodes Incorporated
AL9910AEV2 DIODES-AL9910AEV2 Datasheet
431Kb / 6P
   High Current and High Voltage LED Driver
logo
Richtek Technology Corp...
RT8494 RICHTEK-RT8494 Datasheet
265Kb / 17P
   High Voltage High Current LED Driver Controller
logo
Illinois Capacitor, Inc...
LMH ILLINOISCAPACITOR-LMH Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
LBB ILLINOISCAPACITOR-LBB Datasheet
342Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
LMX ILLINOISCAPACITOR-LMX Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LMB ILLINOISCAPACITOR-LMB Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
157LBB450M2CE ILLINOISCAPACITOR-157LBB450M2CE Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com