Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8474A Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8474A
Description  High Voltage Multiple-Topology LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8474A Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8474A Datasheet HTML 2Page - Richtek Technology Corporation RT8474A Datasheet HTML 3Page - Richtek Technology Corporation RT8474A Datasheet HTML 4Page - Richtek Technology Corporation RT8474A Datasheet HTML 5Page - Richtek Technology Corporation RT8474A Datasheet HTML 6Page - Richtek Technology Corporation RT8474A Datasheet HTML 7Page - Richtek Technology Corporation RT8474A Datasheet HTML 8Page - Richtek Technology Corporation RT8474A Datasheet HTML 9Page - Richtek Technology Corporation RT8474A Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT8474A
6
DS8474A-05 April 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Boost Configuration
Buck Configuration
RT8474A
ISN
VCC
VIN
1
CREG
VC
R1
10k
5
8
GND
SW
ISP
Analog Dimming
or PWM Dimming
CTL
6
2
7
3
9 (Exposed Pad)
RSENSE
C2
C3
C1
3.3nF
1µF
L1
D1
4.5V to 50V
100mV
R2
5.1M
C5
1µF
R5
10
R4
(Short
Option)
R5 (Short Option)
Note : VIN, VSW, VISP, VISN < 50V
OVP 4
R3
R4
C4
RT8474A
ISN
VCC
VIN
1
CREG
VC
R3
10k
5
8
GND
SW
ISP
Analog Dimming
or PWM Dimming
CTL
6
2
7
3
9 (Exposed Pad)
C5
C2
C1
3.3nF
1µF
D1
C3
1µF
R2
10
10µF
L1
22µH
C4
1µF
R1
0.1
51R
VZ > VLED
Note :
1. VIN, VSW, VISP, VISN < 50V
2. VLED : the voltage across the LED string
3. Vz : Zener diode breakdown voltage
20R
VZ
VLED
50V (MAX)
OVP 4


Similar Part No. - RT8474A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
RT8471GFP RICHTEK-RT8471GFP Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
RT8471GJ5 RICHTEK-RT8471GJ5 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
RT8471GSP RICHTEK-RT8471GSP Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
RT8471ZFP RICHTEK-RT8471ZFP Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
More results

Similar Description - RT8474A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8477A RICHTEK-RT8477A Datasheet
200Kb / 13P
   High Voltage High Multiple-Topology Current LED Driver
logo
Global Mixed-mode Techn...
G2602 GMT-G2602 Datasheet
30Kb / 1P
   High Voltage Multi-Topology LED Driver
logo
Integrated Silicon Solu...
IS31LT3515 ISSI-IS31LT3515 Datasheet
181Kb / 2P
   High Voltage LED Lighting Driver for Buck, Boost or Buck-boost Topology
logo
Richtek Technology Corp...
RT8498 RICHTEK-RT8498 Datasheet
232Kb / 12P
   8V Multi-Topology LED Driver with Dimming Control
logo
ON Semiconductor
NCP5608 ONSEMI-NCP5608 Datasheet
190Kb / 16P
   Multiple LED Charge Pump Driver
June, 2006 ??Rev. 1
logo
Protek Devices
PA5711 PROTEC-PA5711 Datasheet
302Kb / 8P
   High Voltage LED Driver
logo
IK Semicon Co., Ltd
IL9921 IKSEMICON-IL9921 Datasheet
316Kb / 6P
   HIGH-VOLTAGE LED DRIVER
logo
Vincotech
10-FY12NMA160SH01-M820F18 VINCOTECH-10-FY12NMA160SH01-M820F18 Datasheet
7Mb / 26P
   mixed voltage NPC topology
10-FY12NMA080SH-M427F VINCOTECH-10-FY12NMA080SH-M427F Datasheet
3Mb / 30P
   Mixed voltage NPC topology
10-FZ12NMA080SH01-M260F VINCOTECH-10-FZ12NMA080SH01-M260F Datasheet
1Mb / 27P
   Mixed voltage component topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com