Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN2107CT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN2107CT
Description  TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2107CT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN2107CT Datasheet HTML 1Page - Toshiba Semiconductor RN2107CT Datasheet HTML 2Page - Toshiba Semiconductor RN2107CT Datasheet HTML 3Page - Toshiba Semiconductor RN2107CT Datasheet HTML 4Page - Toshiba Semiconductor RN2107CT Datasheet HTML 5Page - Toshiba Semiconductor RN2107CT Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RN2107CT ~ RN2109CT
2010-08-20
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN2107CT,RN2108CT,RN2109CT
Switching Applications
Inverter Circuit Applications
Interface Circuit Applications
Driver Circuit Applications
• Incorporating a bias resistor into a transistor reduces parts count.
• Reducing the parts count enable the manufacture of ever more
compact equipment and save assembly cost.
• Complementary to RN1107CT to RN1109CT
Equivalent Circuit and Bias Resistor Values
Absolute Maximum Ratings (Ta = 25°C)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e.operatingtemperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-1J1A
Weight: 0.75 mg (typ.)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−20
V
Collector-emitter voltage
RN2107CT
to
RN2109CT
VCEO
−20
V
RN2107CT
−6
RN2108CT
−7
Emitter-base voltage
RN2109CT
VEBO
−15
V
Collector current
IC
−50
mA
Collector power dissipation
PC
50
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN2107CT
to
RN2109CT
Tstg
−55 to 150
°C
CST3
1.BASE
2.EMITTER
3.COLLECOTR
12
0.35±0.02
0.15±0.03
0.5±0.03
0.6±0.05
0.05±0.03
Top View
Type No.
R1 (k
Ω)
R2 (k
Ω)
RN2107CT
10
47
RN2108CT
22
47
RN2109CT
47
22
R1
B
C
E


Similar Part No. - RN2107CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2107 TOSHIBA-RN2107 Datasheet
217Kb / 5P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2107 TOSHIBA-RN2107 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2107ACT TOSHIBA-RN2107ACT Datasheet
150Kb / 6P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2107F TOSHIBA-RN2107F Datasheet
217Kb / 5P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2107MFV TOSHIBA-RN2107MFV Datasheet
200Kb / 6P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN2107CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2113FT TOSHIBA-RN2113FT Datasheet
84Kb / 3P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN2907FE TOSHIBA-RN2907FE Datasheet
85Kb / 4P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN4901FE TOSHIBA-RN4901FE Datasheet
93Kb / 4P
   TOSHIBA Transistor Silicon PNP - NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN1112FT TOSHIBA-RN1112FT Datasheet
113Kb / 3P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN1131MFV TOSHIBA-RN1131MFV Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) (Bias Resistor built-in Transistor)
2019-01-07
RN1962FE TOSHIBA-RN1962FE Datasheet
95Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN1114MFV TOSHIBA-RN1114MFV Datasheet
786Kb / 8P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) (Bias Resistor built-in Transistor)
2020-11-17
RN1130MFV TOSHIBA-RN1130MFV Datasheet
151Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) (Bias Resistor built-in Transistor)
2019-01-07
RN4962FE TOSHIBA-RN4962FE Datasheet
94Kb / 4P
   TOSHIBA Transistor Silicon NPN쨌PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN1110MFV TOSHIBA-RN1110MFV Datasheet
361Kb / 6P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)(Bias Resistor built-in Transistor)
2018-12-21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com