Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPL500DS Datasheet(PDF) 3 Page - AAEON Technology

Part # NSPL500DS
Description  SPECIFICATIONS FOR NICHIA WARM WHITE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

NSPL500DS Datasheet(HTML) 3 Page - AAEON Technology

  NSPL500DS_15 Datasheet HTML 1Page - AAEON Technology NSPL500DS_15 Datasheet HTML 2Page - AAEON Technology NSPL500DS_15 Datasheet HTML 3Page - AAEON Technology NSPL500DS_15 Datasheet HTML 4Page - AAEON Technology NSPL500DS_15 Datasheet HTML 5Page - AAEON Technology NSPL500DS_15 Datasheet HTML 6Page - AAEON Technology NSPL500DS_15 Datasheet HTML 7Page - AAEON Technology NSPL500DS_15 Datasheet HTML 8Page - AAEON Technology NSPL500DS_15 Datasheet HTML 9Page - AAEON Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
-2-
Rank f3
Rank f4
x
0.4255 0.4390 0.4680 0.4519
x
0.4519 0.4680 0.4970 0.4770
y
0.4000 0.4310 0.4385 0.4086
y
0.4086 0.4385 0.4466 0.4137
Rank f5
Rank f6
x
0.4129 0.4255 0.4519 0.4355
x
0.4355 0.4519 0.4770 0.4588
y
0.3725 0.4000 0.4086 0.3785
y
0.3785 0.4086 0.4137 0.3838
Color Coordinates Measurement allowance is ± 0.01.
Basically, a shipment shall consist of the LEDs of a combination of the above ranks.
The percentage of each rank in the shipment shall be determined by Nichia.
2.INITIAL OPTICAL/ELECTRICAL CHARACTERISTICS
Please refer to “CHARACTERISTICS” on the following pages.
3.OUTLINE DIMENSIONS AND MATERIALS
Please refer to “OUTLINE DIMENSIONS” on the following page.
Material as follows ;
4.PACKAGING
· The LEDs are packed in cardboard boxes after packaging in anti-electrostatic bags.
Please refer to “PACKING” on the following pages.
The label on the minimum packing unit shows ; Part Number, Lot Number, Ranking, Quantity
· In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation.
· The LEDs may be damaged if the boxes are dropped or receive a strong impact against them,
so precautions must be taken to prevent any damage.
· The boxes are not water resistant and therefore must be kept away from water and moisture.
· When the LEDs are transported, we recommend that you use the same packing method as Nichia.
5.LOT NUMBER
The first six digits number shows lot number.
The lot number is composed of the following characters;
-
- Year
( 7 for 2007, 8 for 2008 )
- Month ( 1 for Jan., 9 for Sep., A for Oct., B for Nov. )
- Nichia's Product Number
- Ranking by Color Coordinates
- Ranking by Luminous Intensity
Resin
Leadframe
:
:
Epoxy Resin (over Phosphor)
Ag plating Copper Alloy
Nichia STS-DA1-0153A
<Cat.No.080926>


Similar Part No. - NSPL500DS_15

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPL500DS NICHIA-NSPL500DS_14 Datasheet
229Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
More results

Similar Description - NSPL500DS_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPL500S ETC-NSPL500S Datasheet
200Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
logo
AAEON Technology
NSPL500DS AAEON-NSPL500DS Datasheet
494Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL510DS AAEON-NSPL510DS Datasheet
487Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL515DS AAEON-NSPL515DS_15 Datasheet
500Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL510DS AAEON-NSPL510DS_15 Datasheet
487Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL570DS AAEON-NSPL570DS_15 Datasheet
503Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL515DS AAEON-NSPL515DS Datasheet
500Kb / 15P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
NSPL570DS AAEON-NSPL570DS Datasheet
503Kb / 14P
   SPECIFICATIONS FOR NICHIA WARM WHITE LED
logo
NICHIA CORPORATION
NCSL119T-H1 NICHIA-NCSL119T-H1 Datasheet
1Mb / 17P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NSSL100CT NICHIA-NSSL100CT Datasheet
346Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com