Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NSPG500DS Datasheet(PDF) 11 Page - AAEON Technology

Part No. NSPG500DS
Description  SPECIFICATIONS FOR NICHIA GREEN LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAEON [AAEON Technology]
Homepage  http://www.aaeon.com
Logo 

NSPG500DS Datasheet(HTML) 11 Page - AAEON Technology

 
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
1mA
(535nm)
5mA
(530nm)
20mA
(525nm)
35mA
(523nm)
110mA
(516nm)
Directivity
Radiation Angle
10° 20°
30°
40°
50°
60°
70°
80°
90°
Spectrum
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
x
x
30°
0.5
90°
60°
1.0
Ta=25°C
Ta=25°C
Ta=25°C
IF=20mA
IFP=20mA
Forward Current vs.
Chromaticity Coordinate D)
Ambient Temperature vs.
Dominant Wavelength
Forward Current vs.
Dominant Wavelength
Wavelength
λ (nm)
1.0
0.5
0
Ta=25°C
IFP=20mA
400 450 500 550
650 700
600
1.2
1.0
0.8
0.4
0.2
0
0.6
020
60 80 100
40
-40 -20
540
530
525
510
535
520
515
0.10
0.15
0.20
0.25
0.30
0.80
0.75
0.70
0.65
0.60
540
535
530
520
515
510
525
10
100
1000
NSPG500D(S)
080801823581
Model
NICHIA CORPORATION Title
No.
CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn