Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NSPG500DS Datasheet(PDF) 10 Page - AAEON Technology

Part No. NSPG500DS
Description  SPECIFICATIONS FOR NICHIA GREEN LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAEON [AAEON Technology]
Homepage  http://www.aaeon.com
Logo 

NSPG500DS Datasheet(HTML) 10 Page - AAEON Technology

 
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Forward Current IFP (mA)
Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Duty Ratio vs.
Allowable Forward Current
Ta=25°C
IFP=5mA
IFP=20mA
IFP=60mA
Ta=25°C
Ta=25°C
IFP=20mA
200
110
50
20
10
35
020
40
60
100 120
80
020
60 80 100
40
-40 -20
0
20
60 80 100
40
-40 -20
3.5
3.0
2.5
1.5
1.0
0.5
0
2.0
1
5
10
20
100
50
60
80
100
40
020
40
30
20
0
10
8.5
35
1000
200
10
100
20
110
10.0
1.0
0.5
0.1
2.5
3.0
3.5
4.5
4.0
4.5
4.0
3.0
2.5
3.5
NSPGxxxx
080801823571
Model
NICHIA CORPORATION Title
No.
CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn