Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NSPG500DS Datasheet(PDF) 7 Page - AAEON Technology

Part No. NSPG500DS
Description  SPECIFICATIONS FOR NICHIA GREEN LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAEON [AAEON Technology]
Homepage  http://www.aaeon.com
Logo AAEON - AAEON Technology

NSPG500DS Datasheet(HTML) 7 Page - AAEON Technology

Back Button NSPG500DS_15 Datasheet HTML 3Page - AAEON Technology NSPG500DS_15 Datasheet HTML 4Page - AAEON Technology NSPG500DS_15 Datasheet HTML 5Page - AAEON Technology NSPG500DS_15 Datasheet HTML 6Page - AAEON Technology NSPG500DS_15 Datasheet HTML 7Page - AAEON Technology NSPG500DS_15 Datasheet HTML 8Page - AAEON Technology NSPG500DS_15 Datasheet HTML 9Page - AAEON Technology NSPG500DS_15 Datasheet HTML 10Page - AAEON Technology NSPG500DS_15 Datasheet HTML 11Page - AAEON Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
-6-
(6) Heat Generation
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED
placement on the board, as well as other components. It is necessary to avoid intense heat generation
and operate within the maximum ratings given in this specification.
· The operating current should be decided after considering the ambient maximum temperature of LEDs.
(7) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs. When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
(8) Safety Guideline for Human Eyes
· The International Electrical Commission (IEC) published in 2006 IEC 62471:2006 Photobiological
safety of lamps and lamp systems which includes LEDs within its scope. Meanwhile LEDs were
removed from the scope of the IEC 60825-1:2007 laser safety standard, the 2001 edition of which
included LED sources within its scope. However, keep in mind that some countries and regions have
adopted standards based on the IEC laser safety standard IEC 60825-1:2001 which includes LEDs
within its scope.
Following IEC 62471:2006, most of Nichia LEDs can be classified as belonging to either Exempt
Group or Risk Group 1. Optical characteristics of a LED such as output power, spectrum and light
distribution are factors that affect the risk group determination of the LED. Especially a high-power
LED, that emits light containing blue wavelengths, may be in Risk Group 2.
Great care should be taken when viewing directly the LED driven at high current or the LED with
optical instruments, which may greatly increase the hazard to your eyes.
Nichia STS-DA1-0450A
<Cat.No.081104>


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn