Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLC6.5C-2 Datasheet(PDF) 1 Page - Protek Devices

Part # SMLC6.5C-2
Description  high powered MULTI-LINE low capacitanc e TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMLC6.5C-2 Datasheet(HTML) 1 Page - Protek Devices

  SMLC6.5C-2 Datasheet HTML 1Page - Protek Devices SMLC6.5C-2 Datasheet HTML 2Page - Protek Devices SMLC6.5C-2 Datasheet HTML 3Page - Protek Devices SMLC6.5C-2 Datasheet HTML 4Page - Protek Devices SMLC6.5C-2 Datasheet HTML 5Page - Protek Devices SMLC6.5C-2 Datasheet HTML 6Page - Protek Devices SMLC6.5C-2 Datasheet HTML 7Page - Protek Devices SMLC6.5C-2 Datasheet HTML 8Page - Protek Devices SMLC6.5C-2 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05105.R9 10/12
Page 1
SMLC6.5C-2 - SMLC12C-2
high PoweRed MULTi-LiNe Low CaPaCiTaNCe TVS aRRaY
deSCRiPTioN
The SMLCxxC-2 Series are high powered multi-line low capacitance transient voltage suppressor arrays that provide
board level protection for standard TTL and MOS bus line applications against the damaging effects of ESD, tertiary
lightning and switching transients.
This series has a peak pulse power rating of 400 Watts for an 10/1000µs waveshape. This device series meets the IEC
61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FeaTUReS
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 100A (Applies to 6.5V Only)
• 400 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• 3,900 Watts Peak Pulse Power per Line (tp = 8/20µs)
• ITKU.20 I
PP @ 40A (5/310µs) - (Applies to 6.5V Only)
• Bidirectional Configuration
• High Surge Capability
• Available in Multiple Voltages
• Protects 2 Bidirectional Lines
• Low Capacitance < 30pF per Line Pair
• RoHS Compliant
• REACH Compliant
MeChaNiCaL ChaRaCTeRiSTiCS
• Molded JEDEC SO-16 Package
• Approximate Weight: 0.15 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 16mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPLiCaTioNS
• T1/E1
• RS-422, RS-423 & RS-485
• SDH/SONET, ATM Equipment & Systems
• Industrial Control and Monitoring
• Cable Modem Intra-Building Protection
• Customer Premise Equipment (CPE)
PiN CoNFigURaTioN
So-16 PaCkage
1
2
5
4
16
3
6
7
8
9
10
11
12
13
14
15


Similar Part No. - SMLC6.5C-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMLC6.5C-2 ETC1-SMLC6.5C-2 Datasheet
174Kb / 5P
   LOW CAPACITANCE TVS ARRAY
logo
Protek Devices
SMLC6.5C-2 PROTEC-SMLC6.5C-2 Datasheet
126Kb / 5P
   LOW CAPACITANCE TVS ARRAY
SMLC6.5C-2 PROTEC-SMLC6.5C-2 Datasheet
908Kb / 9P
   HIGH POWERED MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMLC6.5C-2 PROTEC-SMLC6.5C-2_11 Datasheet
908Kb / 9P
   HIGH POWERED MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results

Similar Description - SMLC6.5C-2

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
   High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
DLZ-5-DLZ-30CA PROTEC-DLZ-5-DLZ-30CA Datasheet
451Kb / 5P
   High powered multi-line tvs array
LCA05C PROTEC-LCA05C_10 Datasheet
679Kb / 7P
   High powered multi-line tvs array
DA05L PROTEC-DA05L_12 Datasheet
471Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_12 Datasheet
697Kb / 7P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCD05C PROTEC-LCD05C_12 Datasheet
788Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com