Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSOT15LC Datasheet(PDF) 8 Page - Protek Devices

Part # PSOT15LC
Description  500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT15LC Datasheet(HTML) 8 Page - Protek Devices

  PSOT15LC Datasheet HTML 1Page - Protek Devices PSOT15LC Datasheet HTML 2Page - Protek Devices PSOT15LC Datasheet HTML 3Page - Protek Devices PSOT15LC Datasheet HTML 4Page - Protek Devices PSOT15LC Datasheet HTML 5Page - Protek Devices PSOT15LC Datasheet HTML 6Page - Protek Devices PSOT15LC Datasheet HTML 7Page - Protek Devices PSOT15LC Datasheet HTML 8Page - Protek Devices PSOT15LC Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05066.R8 10/12
Page 8
PSOT03LC - PSOT36LC
TAPE AND REEL
SPECIFICATIONS
REEL DIA.
TAPE
WIDTh
A0
B0
k0
D
E
F
W
P0
P2
P
tmax
178mm (7”)
8mm
3.15 ± 0.10 2.77 ± 0.10 1.30 ± 0.10 1.55 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10 0.228
NOTES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 3,000 pieces per 8mm tape.
4. Suffix - T13 = 13” Reel - 10,000 pieces per 8mm tape.
5. Marking on Part - marking code (see page 2) and date code.
Package outline, pad layout and tape specifications per document number 06012.R2 8/10.
Top Cover Tape
K0
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Pin 1
t
ORDERING INFORmATION
BASE PART NUmBER
(xx = Voltage)
LEADFREE SUFFIX
TAPE SUFFIX
QTY/REEL
REEL SIZE
TUBE QTY
PSOTxxLC
-LF
-T7
3,000
7”
n/a
PSOTxxLC
-LF
-T13
10,000
13”
n/a
This device is only available in a Lead-Free configuration.


Similar Part No. - PSOT15LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT15LC PROTEC-PSOT15LC Datasheet
175Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PSOT15LC PROTEC-PSOT15LC Datasheet
71Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PSOT15LC PROTEC-PSOT15LC Datasheet
886Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT15LC-LF-T13 PROTEC-PSOT15LC-LF-T13 Datasheet
71Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PSOT15LC-LF-T7 PROTEC-PSOT15LC-LF-T7 Datasheet
71Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PSOT15LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVU2.8-8G PROTEC-SLVU2.8-8G Datasheet
690Kb / 8P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_11 Datasheet
789Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC_11 Datasheet
886Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PAM27ST2324LC PROTEC-PAM27ST2324LC Datasheet
490Kb / 7P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_12 Datasheet
792Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
   500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
PSRDA3.3-6 PROTEC-PSRDA3.3-6_12 Datasheet
808Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR05LC PROTEC-PSR05LC Datasheet
605Kb / 8P
   500 WATT ultra low capacitance steering diode/TVS array
PSRDA3.3-6 PROTEC-PSRDA3.3-6_10 Datasheet
805Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com