Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF1104SPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF1104SPBF
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1104SPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF1104SPBF_15 Datasheet HTML 1Page - International Rectifier IRF1104SPBF_15 Datasheet HTML 2Page - International Rectifier IRF1104SPBF_15 Datasheet HTML 3Page - International Rectifier IRF1104SPBF_15 Datasheet HTML 4Page - International Rectifier IRF1104SPBF_15 Datasheet HTML 5Page - International Rectifier IRF1104SPBF_15 Datasheet HTML 6Page - International Rectifier IRF1104SPBF_15 Datasheet HTML 7Page - International Rectifier IRF1104SPBF_15 Datasheet HTML 8Page - International Rectifier IRF1104SPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF1104S/LPbF
2
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 60A, di/dt ≤ 304A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting TJ = 25°C, L = 194µH
RG = 25Ω, IAS = 60A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
** When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
… Uses IRF1104 data and test conditions.
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.3
V
TJ = 25°C, IS =60A, VGS = 0V
„
trr
Reverse Recovery Time
–––
74
110
ns
TJ = 25°C, IF =60A
Qrr
Reverse Recovery Charge
––– 188
280
nC
di/dt = 100A/µs
„…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
A
100
†
400
S
D
G
† Calculated continuous current based on maximum allowable
junction temperature;for recommended current-handling of the
package refer to Design Tip # 93-4
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.038 –––
V/°C Reference to 25°C, ID = 1mA
…
RDS(on)
Static Drain-to-Source On-Resistance –––
––– 0.009
VGS = 10V, ID = 60A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
37
––– –––
S
VDS = 30V, ID = 60A
…
–––
–––
25
µA
VDS = 40V, VGS = 0V
–––
––– 250
VDS = 32V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
93
ID = 60A
Qgs
Gate-to-Source Charge
–––
–––
29
nC
VDS = 32V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
30
VGS = 10V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
15
–––
VDD = 20V
tr
Rise Time
–––
114 –––
ID = 60A
td(off)
Turn-Off Delay Time
–––
28
–––
RG = 3.6Ω
tf
Fall Time
–––
19
–––
RD = 0.33Ω, See Fig. 10
„…
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
––– 2900 –––
VGS = 0V
Coss
Output Capacitance
––– 1100 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
250 –––
ƒ = 1.0MHz, See Fig. 5
…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
ns
IDSS
Drain-to-Source Leakage Current
nH
7.5
LS
Internal Source Inductance


Similar Part No. - IRF1104SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF Datasheet
263Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRF1104SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com