Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASWSS0033 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MASWSS0033
Description  GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0033 Datasheet(HTML) 5 Page - Tyco Electronics

  MASWSS0033 Datasheet HTML 1Page - Tyco Electronics MASWSS0033 Datasheet HTML 2Page - Tyco Electronics MASWSS0033 Datasheet HTML 3Page - Tyco Electronics MASWSS0033 Datasheet HTML 4Page - Tyco Electronics MASWSS0033 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GaAs SP3T 2.5V High Power Switch
MASWSS0033
Specifications subject to change without notice.
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 1.04
Handling Procedures
The following precautions should be observed to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are ESD sensitive
and can be damaged by static electricity. Proper ESD
techniques should be used when handling these devices.
5
Ordering Information
Part Number
Package
MASWSS0033
FQFP-N 12-lead Thin Plastic Package
MASWSS0033TR
1000 piece reel
MASWSS0033SMB
Sample Test Board


Similar Part No. - MASWSS0033

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0039 MACOM-MASWSS0039 Datasheet
143Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Tyco Electronics
MASWSS0039SMB MACOM-MASWSS0039SMB Datasheet
143Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0039SMB MA-COM-MASWSS0039SMB Datasheet
108Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Tyco Electronics
MASWSS0039TR MACOM-MASWSS0039TR Datasheet
143Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
More results

Similar Description - MASWSS0033

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-489 MACOM-SW-489 Datasheet
255Kb / 5P
   GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
   GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
SW-489 MA-COM-SW-489 Datasheet
87Kb / 3P
   GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
   GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
Tyco Electronics
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
   GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
   GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
   GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MACOM-MASWSS0100 Datasheet
103Kb / 3P
   GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0100 MA-COM-MASWSS0100 Datasheet
65Kb / 3P
   GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com