Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB-LN9T Datasheet(PDF) 1 Page - AAEON Technology

Part # EMB-LN9T
Description  Embedded Motherboard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

EMB-LN9T Datasheet(HTML) 1 Page - AAEON Technology

  EMB-LN9T_15 Datasheet HTML 1Page - AAEON Technology EMB-LN9T_15 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10-15
10
Features
Specifications
Embedded Motherboard with Intel® Atom™ N455/D525 Processor
System
Form Factor
Mini-ITX
Processor
Onboard Intel® Atom™ N455/D525 Processor
System Memory
204-pin DDR3 (667/800) SODIMM x 2, Max. 4GB (N455 supports DDR 3 667)
Chipset
Intel® ICH8M
I/O Chipset
Winbond W83627UHG
Ethernet
Realtek 8102E for 10/100Base-TX (or RTL8111C for 10/100/1000Base-TX),
RJ-45 x 2
BIOS
AMI Plug & Play SPI BIOS - 4MB ROM
Wake on LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltages and temperature monitoring
Expansion Interface
PCI x 1, Mini PCI x 1 , Mini Card x 1
Battery
Lithium battery
Power Requirement
DC-12V
Power Consumption
(Typical)
Intel® Atom™ D525 1.8GHz, DDR3 1333 2GB
1.4A@+12V
Board Size
6.7" (L) x 6.7" (W) (170mm x 170mm)
Gross Weight
1.1 lb (0.5kg)
Operating Temperature
32
°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40
°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
60,000
Display
Supports CRT/LCD, CRT/DVI simultaneous/ dual view display
Chipset
Intel® Atom™ N455/ D525 integrated
Integrates hardware MPEG2 decoder
Memory
Shared system memory up to 384 MB/ DVMT 4.0
Resolution
Up to 2048 x 1536 (QXGA) @ 60 Hz for CRT (D525)
Up to 1400 x 1050 (SXGA)@ 60 Hz for CRT (N455)
Up to 1366 x 768 or 1280 x 800 (WXGA) for LCD & DVI
LCD Interface
18-bit single channel or 24-bit single channel
Video Interface
VGA, DVI-D
I/O
Storage
SATA x 2, CompactFlash™ x 1
Serial Port
RS-232 x 8, RS-232/422/485 x 1
Parallel Port
SPP/EPP/ECP mode
USB
USB2.0 x 8
Digital I/O
Supports 8-bit (Programmable)
PS/2 Port
Keyboard + Mouse x 1
Audio
Line-out, Mic-in, Amplifier speaker out, Line-in (optional), SPDIF (optional)
1709070500
SATA Cable
1702151200
Onboard SATA Power Cable
9657666600
Jumper Cap
M20945900
Metal I/O Bracket
CPU Cooler
EMB-LN9T with Active Cooler (D525 Version) or With Passive Cooler (N455 Version)
Product CD
EMB-LN9T Rev. B
Packing List
Onboard Intel® Atom™ N455/D525 Processor
Intel® ICH8M
DDR3 667/800 SODIMM x 2, Max. 4GB (N455 Supports up to
DDR3 667)
Dual Ethernet (Gigabit) or 10/100Base-TX x 2
VGA, 18-bit Single Channel LVDS or 24-bit Single Channel
LVDS or DVI
SATA 1.5Gb/s x 2, CompactFlash™ x 1
USB2.0 x 8, COM x 9 , LPT x 1
PCI x 1, Mini PCI x 1, Mini Card x 1
DC 12V
Optional: TPM, Extra COM x 4 (Total 9 COM), SPDIF, RAID 0 & 1
EMB-LN9T Rev. B
Audio
Ethernet RJ-45 x 2
USB2.0 x 4
DVI (optional)
Speaker Out
(Optional)
PCI
SATA
DC-out for SATA
USB x 4
Parallel
Extra COM x 4
(Optional)
COM x 3
Front Panel
DDR2 SODIMM x 1
DDR3 SODIMM x 1
LVDS Inverter
LVDS
ATX DC 12V In
Mini PCI
CRT
COM x 2
Keyboard & Mouse
Mini-DIN


Similar Part No. - EMB-LN9T_15

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-LN9T AAEON-EMB-LN9T Datasheet
287Kb / 2P
   Embedded Motherboard with Intel Atom N455/D525 Processor
EMB-LN9T AAEON-EMB-LN9T Datasheet
287Kb / 2P
   Embedded Motherboard
More results

Similar Description - EMB-LN9T_15

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard
EMB-6908T AAEON-EMB-6908T_15 Datasheet
382Kb / 2P
   Embedded Motherboard
EMB-9658T AAEON-EMB-9658T_15 Datasheet
324Kb / 2P
   Embedded Motherboard
EMB-A50M AAEON-EMB-A50M_15 Datasheet
354Kb / 2P
   Embedded Motherboard
EMB-QM67 AAEON-EMB-QM67_15 Datasheet
301Kb / 2P
   Embedded Motherboard
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard
EMB-A50M AAEON-EMB-A50M Datasheet
354Kb / 2P
   Embedded Motherboard
EMB-QM67 AAEON-EMB-QM67 Datasheet
301Kb / 2P
   Embedded Motherboard
EMB-9459T AAEON-EMB-9459T_15 Datasheet
259Kb / 2P
   Embedded Motherboard
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard
EMB-9658T AAEON-EMB-9658T Datasheet
324Kb / 2P
   Embedded Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com