Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF40B207 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF40B207
Description  Brushed Motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF40B207 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF40B207 Datasheet HTML 2Page - International Rectifier IRF40B207 Datasheet HTML 3Page - International Rectifier IRF40B207 Datasheet HTML 4Page - International Rectifier IRF40B207 Datasheet HTML 5Page - International Rectifier IRF40B207 Datasheet HTML 6Page - International Rectifier IRF40B207 Datasheet HTML 7Page - International Rectifier IRF40B207 Datasheet HTML 8Page - International Rectifier IRF40B207 Datasheet HTML 9Page - International Rectifier IRF40B207 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
April 1, 2015
 
IRF40B207
Fig 17. Threshold Voltage vs. Temperature
Fig 21. Typical Stored Charge vs. dif/dt
-75
-25
25
75
125
175
TJ , Temperature ( °C )
0.5
1.5
2.5
3.5
4.5
ID = 50µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
Fig 18. Typical Recovery Current vs. dif/dt
0
200
400
600
800
diF /dt (A/µs)
0
1
2
3
4
5
6
7
IF = 38A
VR = 34V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
diF /dt (A/µs)
0
1
2
3
4
5
6
7
IF = 57A
VR = 34V
TJ = 25°C
TJ = 125°C
Fig 19. Typical Recovery Current vs. dif/dt
0
200
400
600
800
diF /dt (A/µs)
10
20
30
40
50
60
70
80
IF = 38A
VR = 34V
TJ = 25°C
TJ = 125°C
Fig 20. Typical Stored Charge vs. dif/dt
0
200
400
600
800
diF /dt (A/µs)
0
10
20
30
40
50
60
70
80
IF = 57A
VR = 34V
TJ = 25°C
TJ = 125°C


Similar Part No. - IRF40B207

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF40B207 ISC-IRF40B207 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRF40B207

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com