Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1551F-C7 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJG1551F-C7
Description  800mhZ band mixer gAaS mmic
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1551F-C7 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJG1551F-C7 Datasheet HTML 5Page - New Japan Radio NJG1551F-C7 Datasheet HTML 6Page - New Japan Radio NJG1551F-C7 Datasheet HTML 7Page - New Japan Radio NJG1551F-C7 Datasheet HTML 8Page - New Japan Radio NJG1551F-C7 Datasheet HTML 9Page - New Japan Radio NJG1551F-C7 Datasheet HTML 10Page - New Japan Radio NJG1551F-C7 Datasheet HTML 11Page - New Japan Radio NJG1551F-C7 Datasheet HTML 12Page - New Japan Radio NJG1551F-C7 Datasheet HTML 13Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NJG1551F
- 11 -
nRECOMMENDED PCB DESIGN
PRECAUTIONS
[1] Please locate L4 and R1 close to VLO terminal (3).
[2] Distance from L1 and RFIN terminal (6) is 3.5mm.
[3] Distance from C1 and LOIN terminal (4) is 3.5mm.
[4] Please locate C2close to BPC terminal (2).
[5] Please locate C7, C8 and C9 close to C3, L6.
[6] Please locate C4, C5 close to L4.
C4
C5
R1
C6
C9
C8
C7
L6
C3
C1
L1
1
LOIN
VLO
RFIN
V
MIX
NJG1551F
(TOP VIEW)
PCB: FR-4, t=0.5mm
STRIPLINE WIDTH=1mm
(Zo=50
Ω)
(SIZE: 22.5mmx30mm)


Similar Part No. - NJG1551F-C7

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1550F-C1 NJRC-NJG1550F-C1 Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1550F-C2 NJRC-NJG1550F-C2 Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1550F-C3 NJRC-NJG1550F-C3 Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1550F-C4 NJRC-NJG1550F-C4 Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
More results

Similar Description - NJG1551F-C7

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
   800MHz BAND MIXER GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1555KB2 NJRC-NJG1555KB2 Datasheet
183Kb / 11P
   800mhZ band mixer gAaS mmic
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
logo
Sony Corporation
CXG1111EN SONY-CXG1111EN Datasheet
92Kb / 6P
   800MHz Band Receive Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com