Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62D612FTG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB62D612FTG
Description  24-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62D612FTG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB62D612FTG Datasheet HTML 1Page - Toshiba Semiconductor TB62D612FTG Datasheet HTML 2Page - Toshiba Semiconductor TB62D612FTG Datasheet HTML 3Page - Toshiba Semiconductor TB62D612FTG Datasheet HTML 4Page - Toshiba Semiconductor TB62D612FTG Datasheet HTML 5Page - Toshiba Semiconductor TB62D612FTG Datasheet HTML 6Page - Toshiba Semiconductor TB62D612FTG Datasheet HTML 7Page - Toshiba Semiconductor TB62D612FTG Datasheet HTML 8Page - Toshiba Semiconductor TB62D612FTG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TB62D612FTG
2012-07-23
5
6.Programming the TB62D612FTG
The TB62D612FTG can be programmed by the SDA and SCLK signals.
The TB62D612FTG should be programmed using one of the following formats: (1) Serial Packet Format in Normal Programming
Mode or (3) Serial Packet Format in Special Mode.
(1) Serial Packet Format in Normal programming Mode
Typical】
Start Command
[11111111]
Slave address
8 bits
Sub-address
(Channel select)
8 bits
Data byte
(PWM configuration)
8 bits
Period Command
[10000001]
Normal programming Mode should be set as the following flow.
“Start Command”
“Slave address”
“Sub-address”
“Data byte”
“Period Command”
As for example of data input, refer to Page8.
Input data from SDA signal is written to the shift register at the rising edge of SCLK every 8 bit.
This data is transferred at the falling edge of the eighth CLK. So, at the eighth CLK, data should be inputted to the falling edge.
Block diagram of data setting part
In case of period command
SDA
SCLK
Data is transferred at
the falling edge of the
eighth SCLK.
Data is written to the shift register at the
rising edge of the SCLK.
Data is transferred at
the falling edge of the
eighth SCLK.
データバイト
R0
データバイト
G0
データバイト
B0
データバイト
R1
データバイト
B6
データバイト
R7
データバイト
G7
データバイト
B7
8bit
8bit
8bit
8bit
8bit
8bit
8bit
8bit
サブアドレス
8bit
スレーブアドレス
8bit
8ビットシフトレジスタ
終了コマンド
8bit
8bit
8bit
8bit
8bit
8bit
8bit
8bit
OUT
R0
OUT
G0
OUT
B0
OUT
R1
OUT
B6
OUT
R7
OUT
G7
OUT
B7
8bit
8bit
8bit
8bit
8bit
8bit
8bit
8bit
SDA
SCLK
8ビット
カウンタ
8bit shift-resister
8bit Shift-register
Slave Address
Sub Address
Data
Byte
Data
Byte
Data
Byte
R0
Data
Byte
G0
Data
Byte
B0
Data
Byte
R1
Data
Byte
R7
Data
Byte
G7
Data
Byte
B7
Terminal command
8 bit
counter


Similar Part No. - TB62D612FTG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62D612FTG MARKTECH-TB62D612FTG_15 Datasheet
776Kb / 24P
   24-Channel Constant-Current LED Driver
More results

Similar Description - TB62D612FTG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62778FNG MARKTECH-TB62778FNG Datasheet
247Kb / 23P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
TB62777FNG MARKTECH-TB62777FNG Datasheet
194Kb / 17P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
TB62725BPG MARKTECH-TB62725BPG Datasheet
514Kb / 17P
   8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
logo
Toshiba Semiconductor
TC62D776CFNAG TOSHIBA-TC62D776CFNAG Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
TC62D776CFG TOSHIBA-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
TB62781FNG TOSHIBA-TB62781FNG Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver of the 3.3V and 5V Power Supply Voltage Operation
TB62783FNG TOSHIBA-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver of the 3.3V and 5V Power Supply Voltage Operation
TB62726AN TOSHIBA-TB62726AN Datasheet
254Kb / 18P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Marktech Corporate
TB62726ANG MARKTECH-TB62726ANG_09 Datasheet
585Kb / 18P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
TB62726ANG MARKTECH-TB62726ANG Datasheet
389Kb / 17P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com