Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT7297CHZSP Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT7297CHZSP
Description  Evaluation Board
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7297CHZSP Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT7297CHZSP Datasheet HTML 1Page - Richtek Technology Corporation RT7297CHZSP Datasheet HTML 2Page - Richtek Technology Corporation RT7297CHZSP Datasheet HTML 3Page - Richtek Technology Corporation RT7297CHZSP Datasheet HTML 4Page - Richtek Technology Corporation RT7297CHZSP Datasheet HTML 5Page - Richtek Technology Corporation RT7297CHZSP Datasheet HTML 6Page - Richtek Technology Corporation RT7297CHZSP Datasheet HTML 7Page - Richtek Technology Corporation RT7297CHZSP Datasheet HTML 8Page - Richtek Technology Corporation RT7297CHZSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT7297CHZSP
Evaluation Board
UG7297CHZSP-00
July
2014
www.richtek.com
5
Power-up & Measurement Procedure
1.
Apply a 12V nominal input power supply (4.5V < VIN < 18V) to the VIN and GND terminals.
2.
The EN voltage is pulled to logic high
by R4 (100kΩ to VIN) to enable operation. Drive EN high (>2.7V) to
enable operation or low (<0.4V) to disable operation.
3.
Verify the output voltage (approximately 3.3V) between VOUT and GND.
4.
Connect an external load up to 3A to the VOUT and GND terminals and verify the output voltage and current.
Output Voltage Setting
Set the output voltage with the resistive divider (R1, R2) between VOUT and GND with the midpoint connected to
FB. The output is set by the following formula:
OUT
R1
V
= 0.8 x (1 +
)
R2
The installed VOUT capacitors (C4, C5) are 22
μF, 16V X5R ceramic types. Do not exceed their operating voltage
range and consider their voltage coefficient (capacitance vs. bias voltage) and ensure that the capacitance is
sufficient to maintain stability and provide sufficient transient response for your application. This can be verified by
checking the output transient response as described in the RT7297C IC datasheet.


Similar Part No. - RT7297CHZSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
   3A, 18V, 800kHz Synchronous Step-Down Converter
More results

Similar Description - RT7297CHZSP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com