Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT7295D Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7295D
Description  The RT7295D is a synchronous step-down converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7295D Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7295D Datasheet HTML 1Page - Richtek Technology Corporation RT7295D Datasheet HTML 2Page - Richtek Technology Corporation RT7295D Datasheet HTML 3Page - Richtek Technology Corporation RT7295D Datasheet HTML 4Page - Richtek Technology Corporation RT7295D Datasheet HTML 5Page - Richtek Technology Corporation RT7295D Datasheet HTML 6Page - Richtek Technology Corporation RT7295D Datasheet HTML 7Page - Richtek Technology Corporation RT7295D Datasheet HTML 8Page - Richtek Technology Corporation RT7295D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT7295D
®
DS7295D-05 July 2015
www.richtek.com
1
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
3A, 18V, 500kHz ACOTTMSynchronous Step-Down Converter
General Description
The RT7295D is a synchronous step-down converter with
Advanced Constant On-Time (ACOTTM) mode control. The
ACOTTM provides a very fast transient response with few
external components. The low impedance internal
MOSFET supports high efficiency operation with wide input
voltage range from 4.3V to 18V. The proprietary circuit of
the RT7295D enables to support all ceramic capacitors.
The output voltage can be adjusted between 0.6V and 8V.
Features
4.3V to 18V Input Voltage Range
3A Output Current
Advanced Constant On-Time Control
Fast Transient Response
Support All Ceramic Capacitors
Up to 95% Efficiency
500kHz Switching Frequency
Adjustable Output Voltage from 0.6V to 8V
Cycle-by-Cycle Current Limit
Input Under-Voltage Lockout
Thermal Shutdown
Applications
Industrial and Commercial Low Power Systems
Computer Peripherals
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation for High-Performance DSPs,
FPGAs, and ASICs
Simplified Application Circuit
Marking Information
06= : Product Code
DNN : Date Code
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
TSOT-23-6 (FC)
BOOT GND FB
SW VIN EN
4
23
5
6
Package Type
J6F : TSOT-23-6 (FC)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT7295D
06=DNN
VIN
EN
GND
BOOT
FB
SW
VOUT
VIN
RT7295D
Enable


Similar Part No. - RT7295D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7295CGJ6F RICHTEK-RT7295CGJ6F Datasheet
944Kb / 10P
   Evaluation Board
More results

Similar Description - RT7295D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7255 RICHTEK-RT7255 Datasheet
1Mb / 17P
   The RT7255 is a synchronous step-down
logo
Texas Instruments
TPS54428 TI1-TPS54428_16 Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
   Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com