Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS31PW8200 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part No. IS31PW8200
Description  Output transition SOA protection
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BELLING [SHANGHAI BELLING CO., LTD.]
Homepage  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

IS31PW8200 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  IS31PW8200 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. IS31PW8200 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. IS31PW8200 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. IS31PW8200 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. IS31PW8200 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
BL78A05
Positive voltage regulators
www.belling.com.cn
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
©2012 Belling All Rights Reserved
4.Electrical characteristics
Electrical characteristics of BL78A05 (refer to the test circuits, TJ = -40 to
125°C, V I= 11 V, IO = 500mA, C I= 0.33 µF, CO = 0.1 µF unless otherwise
specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
4.85
5
5.15
V
VO
Output voltage
IO = 5 mA to 1 A, PO
≤15 W VI = 8 to 20 V
4.65
5
5.35
V
Δ VO(1)
Line regulation
VI = 7 to 25 V, TJ = 25°C
3
50
mV
VI = 8 to 12 V, TJ = 25°C
1
25
Δ VO(1)
Load regulation
IO = 5 mA to 1.5 A, TJ = 25°C
100
mV
IO = 250 to 750 mA, TJ = 25°C
25
Id
Quiescent current
TJ = 25°C
8
mA
Δ Id
Quiescent current change
IO = 5 mA to 1 A
0.5
mA
VI = 8 to 25 V
0.8
Δ VO/ÄT
Output voltage drift
IO = 5 mA
0.6
mV/°C
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25°C
40
µV/VO
SVR
Supply voltage rejection
VI = 8 to 18 V, f = 120 Hz
68
dB
Vd
Dropout voltage
IO = 1 A, TJ = 25°C
2
2.5
V
RO
Output resistance
f = 1 kHz
17
Isc
Short circuit current
VI = 35 V, TJ = 25°C
0.75
1.2
A
Iscp
Short circuit peak current
TJ = 25°C
1.3
1.9
2.2
A
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due
to heating effects must be taken into account separately. Pulse testing with low duty cycle is used.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn